Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G139DCTTE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LVC1G139DCTTE4
Description  2-TO-4 LINE DECODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G139DCTTE4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC1G139DCTTE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN74LVC1G139
2-TO-4 LINE DECODER
SCES602B – AUGUST 2004 – REVISED DECEMBER 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Icc
Continuous current through VCC or GND
±100
mA
DCT package
220
θ
JA
Package thermal impedance(4)
DCU package
227
°C/W
YEP/YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3


Similar Part No. - 74LVC1G139DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G139DCTTE4 TI1-74LVC1G139DCTTE4 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
More results

Similar Description - 74LVC1G139DCTTE4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com