Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G139DCTTE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74LVC1G139DCTTE4
Description  2-TO-4 LINE DECODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G139DCTTE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVC1G139DCTTE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G139DCTTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 M
1 M
1 M
1 M
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
15 pF
15 pF
15 pF
15 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC1G139
2-TO-4 LINE DECODER
SCES602B – AUGUST 2004 – REVISED DECEMBER 2005
Figure 1. Load Circuit and Voltage Waveforms
6


Similar Part No. - 74LVC1G139DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G139DCTTE4 TI1-74LVC1G139DCTTE4 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
More results

Similar Description - 74LVC1G139DCTTE4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com