Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI2DBS212 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2DBS212
Description  1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DBS212 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2DBS212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8921A
10/31/07
PI2DBS212
1.8V, 1.8GHz, Differential Broadband Signal Switch,
2-Differential Channel, 2:1 Mux/DeMux Switch
Fig 4. Crosstalk
Fig 5. Off Isolation
07-0243


Similar Part No. - PI2DBS212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2DBS212ZHEX PERICOM-PI2DBS212ZHEX Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
More results

Similar Description - PI2DBS212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2DBS412 PERICOM-PI2DBS412 Datasheet
542Kb / 9P
   1.8V, 1.8GHz, Differential Broadband Signal Switch,4-Differential Channel, 2:1 Mux/DeMux Switch,w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI2PCIE412-D PERICOM-PI2PCIE412-D Datasheet
462Kb / 9P
   Enhanced, 1.8V, PCI Express Compliant, 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI2PCIE2412 PERICOM-PI2PCIE2412 Datasheet
809Kb / 9P
   1.8V, PCI Express Gen-II Compliant 4-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI2LVD512 PERICOM-PI2LVD512 Datasheet
444Kb / 8P
   1.8V, Wide-Bandwidth, 5 Differential Channels, 2:1 Mux/DeMux Switch with Dual Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com