Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62510 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62510
Description  1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62510 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62510 Datasheet HTML 1Page - Texas Instruments TPS62510 Datasheet HTML 2Page - Texas Instruments TPS62510 Datasheet HTML 3Page - Texas Instruments TPS62510 Datasheet HTML 4Page - Texas Instruments TPS62510 Datasheet HTML 5Page - Texas Instruments TPS62510 Datasheet HTML 6Page - Texas Instruments TPS62510 Datasheet HTML 7Page - Texas Instruments TPS62510 Datasheet HTML 8Page - Texas Instruments TPS62510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
PIN ASSIGNMENT
SW
PGND
AGND
FB
OVT
PVIN
AVIN
PG
MODE
EN
8
10
9
6
7
3
1
2
5
4
TPS62510
SLVS651 – MAY 2006
DRC Package
(Top View)
A.
The exposed Thermal Die is connected to AGND.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SW
1
Switch pin of the converter. The inductor is connected here.
PGND
2
Power ground for the converter
AGND
3
Analog ground connection
Feedback voltage sense input. Connect directly to VO or to the midpoint of an external voltage divider for
FB
4
I
the adjustable version.
Output Voltage Tracking input. The signal applied to this pin is used as reference voltage overiding the
OVT
5
I
internal reference voltage when it is below the internal 0.6-V reference. If this feature is not used, the
OVT pin is connected to VI.
Enable pin. A logic high enables the regulator, a logic low disables the regulator. This pin needs to be
EN
6
I
terminated and not left floating.
This pin is used to force fixed frequency PWM operation or to synchronize the device to an external clock
MODE
7
I
signal. With MODE = high, the device is forced into 1.5-MHz fixed frequency PWM operation. With
MODE = low, the device automatically enters the Power Save Mode at light load currents.
Power Good indication. This is a open drain output that is low when the device is disabled or the output
PG
8
O
voltage drops 10% below target.
Power supply for control circuitry. Must be connected to the same voltage supply as PVIN through RC
AVIN
9
filter.
PVIN
10
Input voltage for the power stage. VIN must be connected to the same voltage supply as AVIN.
PowerPAD™
C2
Connect the PowerPAD to analog ground AGND.
4
Submit Documentation Feedback


Similar Part No. - TPS62510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62510DRCR TI1-TPS62510DRCR Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62510DRCRG4 TI1-TPS62510DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62510DRCT TI1-TPS62510DRCT Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62510DRCTG4 TI1-TPS62510DRCTG4 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62510 TI-TPS62510_15 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62510 TI-TPS62510_15 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
TLV62565 TI1-TLV62565 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com