Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ111CY-M7-18-TR Datasheet(PDF) 7 Page - Acutechnology Semiconductor

Part # AQ111CY-M7-18-TR
Description  Low Dropout 1 Amp Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ111CY-M7-18-TR Datasheet(HTML) 7 Page - Acutechnology Semiconductor

  AQ111CY-M7-18-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 6Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 7Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 8Page - Acutechnology Semiconductor AQ111CY-M7-18-TR Datasheet HTML 9Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Acutechnology Semiconductor Inc.
AQ111
www.acutechnology.com
7
Rev. 1.5 September 13, 2006
The AQ111 regulates the voltage that appears between its output and ground pins or
between its output and adjust pins. In some cases, line resistances can introduce errors to
the voltage across the load. To obtain the best load regulation a few precautions are needed.
For example it is important to minimize the line resistances to the load, so the load itself
should be tied directly to the output terminal on the positive side and directly to the ground
terminal on the negative side.
When the adjustable regulator is used, the best performance is obtained with the positive
side of the resistor R1 tied directly to the output terminal of the regulator rather than near the
load. This will eliminate line drops from appearing effectively in series with the reference and
degrading regulation. In addition the ground side of the resistor R2 can be returned near the
ground of the load to provide remote ground sensing and improve load regulation. A
capacitor (470pF) between the ADJ pin and system ground will enhance stability.
4. Protection Diodes
Unlike older regulators, the AQ111 family does not need any protection diodes between the
adjustment pin and output or from the output to the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the adjustment pin. Therefore,
even with capacitors on the adjustment pin, no protection diode is needed to ensure device
safety under short circuit conditions. External diodes between the input and output are not
usually needed. Only if high value output capacitors are used (> 1000uF) and the input is
instantaneously shorted to ground, can damage occur.
5. Thermal Considerations
When an integrated circuit operates with an appreciable current, its junction temperature is
elevated. It is important to quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by summing the individual parts
consisting of a series of temperature rises from the semiconductor junction to the operating
environment. The heat generated at the device junction flows through the die to the die
attach pad, through the lead frame to the surrounding case material, to the printed circuit
board, and eventually to the ambient environment.
The AQ111 regulators have internal thermal shutdown to protect the device from over-
heating. Under all possible operating conditions, the junction temperature of the AQ111
must be lower than 125°C. A heatsink may be required depending on the maximum power
dissipation and maximum ambient temperature of the application.
To determine if a heatsink is needed, the power dissipated by the regulator, PD, must be
calculated:
PD= (VIN-VOUT) IL
where the IL is the load current.
The next parameter which must be calculated is the maximum allowable temperature rise,
T(max):
T(max)=TJ(max)-TA(max)
where TJ(max) is the maximum allowable junction temperature (125°C), and TA(max) is the
maximum ambient temperature which will be encountered in the application.
Using the calculated values for T(max) and PD, the maximum allowable value for the
junction to ambient thermal resistance (θJA) can be calculated:
θJA=T(max)/ PD
If the maximum allowable value for θJA is found to be greater than the junction to ambient
thermal resistance for the package used, no heatsink is needed since the package alone will
dissipate enough heat to satisfy these requirements.
Package Dimensions


Similar Part No. - AQ111CY-M7-18-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TRL ACUTECH-AQ1117CY-M1-18-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TR ACUTECH-AQ1117CY-M1-25-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TRL ACUTECH-AQ1117CY-M1-25-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ111CY-M7-18-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com