Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ111CY-M7-AJ-TR Datasheet(PDF) 1 Page - Acutechnology Semiconductor

Part # AQ111CY-M7-AJ-TR
Description  Low Dropout 1 Amp Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ111CY-M7-AJ-TR Datasheet(HTML) 1 Page - Acutechnology Semiconductor

  AQ111CY-M7-AJ-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 6Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 7Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 8Page - Acutechnology Semiconductor AQ111CY-M7-AJ-TR Datasheet HTML 9Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.acutechnology.com
AQ111
AQ111
Low Dropout
1 Amp Voltage Regulator
Product Specification
Revision 1.5
September 13, 2006
Applications
Graphic cards
PC motherboards
Switching power supply post-regulation
Telecom equipment
DVD video player
General Description
The AQ111 is a low dropout three terminal
voltage regulator, offered in popular fixed options
or an adjustable version that can set a precise
voltage from 1.22V to 12V with two external
resistors.
AQ111 is the only 1 Amp LDO regulator offered
in the tiny PSOT-23 package.
PSOT-23 is
modified for lower thermal resistance and fits in
the standard SOT-23 foot print. With a dropout
voltage of less than one volt, the AQ111 can be
used in applications where drop out voltage and
size are an issue.
To
assure
accuracy
within
1.5%
over
temperature the heart of the AQ111 is a self-
correcting AcuRef™ bandgap reference.
On-chip current limit and thermal shutdown with
hysteresis protects against any combination of
overload and ambient temperature that might
cause the junction temperature to exceed safe
limits.
Features
Available in the tiny PSOT-23 package
Vout tolerance 1.5% over temperature
Stable with low cost 1uF capacitor
Low ground current <1.5 mA
Low dropout voltage (950 mV at 1 Amp)
Thermal protection with hysteresis
Short circuit protection
Offered with 1.8V, 2.5V, and 3.3V fixed or
adjustable output
RoHS complaint available
Typical Application


Similar Part No. - AQ111CY-M7-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TR ACUTECH-AQ1117CY-M1-18-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-18-TRL ACUTECH-AQ1117CY-M1-18-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TR ACUTECH-AQ1117CY-M1-25-TR Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
AQ1117CY-M1-25-TRL ACUTECH-AQ1117CY-M1-25-TRL Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
More results

Similar Description - AQ111CY-M7-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ1117 ACUTECH-AQ1117 Datasheet
271Kb / 7P
   Low Dropout 1 Amp Voltage Regulator
logo
List of Unclassifed Man...
PJ1117 ETC1-PJ1117 Datasheet
294Kb / 6P
   1 Amp Low Dropout Positive Voltage Regulator
logo
Seme LAB
LM3940 SEME-LAB-LM3940 Datasheet
84Kb / 4P
   1 AMP LOW DROPOUT REGULATOR FOR
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Seme LAB
IP2990 SEME-LAB-IP2990 Datasheet
210Kb / 5P
   1 AMP NEGATIVE LOW DROPOUT REGULATOR FOR
logo
M.S. Kennedy Corporatio...
MSK5330-5.0H MSK-MSK5330-5.0H Datasheet
233Kb / 5P
   NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1082 TSC-TS1082 Datasheet
197Kb / 6P
   10 Amp Low Dropout Positive Voltage Regulator
TS1083 TSC-TS1083 Datasheet
211Kb / 6P
   7.5 Amp Low Dropout Positive Voltage Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
List of Unclassifed Man...
PJ1084 ETC-PJ1084 Datasheet
308Kb / 7P
   5 Amp Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com