Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ200GY-N3-12-BUL Datasheet(PDF) 1 Page - Acutechnology Semiconductor

Part # AQ200GY-N3-12-BUL
Description  3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ200GY-N3-12-BUL Datasheet(HTML) 1 Page - Acutechnology Semiconductor

  AQ200GY-N3-12-BUL Datasheet HTML 1Page - Acutechnology Semiconductor AQ200GY-N3-12-BUL Datasheet HTML 2Page - Acutechnology Semiconductor AQ200GY-N3-12-BUL Datasheet HTML 3Page - Acutechnology Semiconductor AQ200GY-N3-12-BUL Datasheet HTML 4Page - Acutechnology Semiconductor AQ200GY-N3-12-BUL Datasheet HTML 5Page - Acutechnology Semiconductor AQ200GY-N3-12-BUL Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.acutechnology.com
AQ200
AQ200
3ºC Accurate with Hysteresis
120ºC Thermostat
SOT23, TO-92, PSOT23-6, SC70 Packages
Product Specification
Revision 1.7
November 08, 2006
Applications
Electronic System protection
Fan Control
Microprocessor Thermal Management
HVAC Systems
General Description
The AQ200 is a simple three terminal precision low
power thermostat. The temperature trip point of 120ºC
is preset at the factory. The thermal hysteresis is
internally
programmed
to
10ºC.
Contact
sales@acutechnology.com for other trip points.
The AQ200 is used to protect systems from
overheating above the normal rating of components like
capacitors
or
any
other
temperature
sensitive
component.
The output OT is an open drain output that can drain
up to 50mA when the threshold temperature is
reached. The minimum voltage of operation is 2V.
The AQ200 is offered in the thermally enhanced
PSOT23-6 in order to guarantee very low thermal
impedance between the heat source and the chip
itself.
For applications with stringent space requirements
ultra small SC70 package is offered.
For applications where the thermal resistance is not
critical the AQ200 can be used in the more common
packages SOT23-3 or TO92.
Features
+/-3 degrees Celsius accuracy
Thermally enhanced SOT23-6 package
Open-drain output capable of 50mA
Internally programmed thermal hysteresis
Low input voltage and current
Excellent power supply noise rejection
Offered in ultra small SC70-5 package.
RoHS compliant
Block Diagram


Similar Part No. - AQ200GY-N3-12-BUL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ201 ACUTECH-AQ201 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ201GY-C5-12-TRL ACUTECH-AQ201GY-C5-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ201GY-M3-12-TRL ACUTECH-AQ201GY-M3-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ201GY-M7-12-TRL ACUTECH-AQ201GY-M7-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ201GY-N3-12-BUL ACUTECH-AQ201GY-N3-12-BUL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
More results

Similar Description - AQ200GY-N3-12-BUL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ201 ACUTECH-AQ201 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ297 ACUTECH-AQ297 Datasheet
311Kb / 6P
   3쨘C Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ432 ACUTECH-AQ432 Datasheet
436Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
logo
Texas Instruments
LM4041-N TI-LM4041-N Datasheet
1Mb / 33P
[Old version datasheet]   Small Packages: SOT-23, TO-92, and SC70 , No Output Capacitor Required
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com