Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ201GY-N3-12-TRL Datasheet(PDF) 4 Page - Acutechnology Semiconductor

Part # AQ201GY-N3-12-TRL
Description  3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ201GY-N3-12-TRL Datasheet(HTML) 4 Page - Acutechnology Semiconductor

  AQ201GY-N3-12-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ201GY-N3-12-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ201GY-N3-12-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ201GY-N3-12-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ201GY-N3-12-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ201GY-N3-12-TRL Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ201
www.acutechnology.com
4
Rev. 1.3 November 08, 2006
Package Dimensions
SOT23-3, SOT23-4, SOT23-5, SOT23-6


Similar Part No. - AQ201GY-N3-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-C5-12-TRL ACUTECH-AQ200GY-C5-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M3-12-TRL ACUTECH-AQ200GY-M3-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M7-12-TRL ACUTECH-AQ200GY-M7-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-N3-12-BUL ACUTECH-AQ200GY-N3-12-BUL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
More results

Similar Description - AQ201GY-N3-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ297 ACUTECH-AQ297 Datasheet
311Kb / 6P
   3쨘C Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ432 ACUTECH-AQ432 Datasheet
436Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
logo
Texas Instruments
LM4041-N TI-LM4041-N Datasheet
1Mb / 33P
[Old version datasheet]   Small Packages: SOT-23, TO-92, and SC70 , No Output Capacitor Required
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com