Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ201GY-C5-12-TRL Datasheet(PDF) 2 Page - Acutechnology Semiconductor

Part # AQ201GY-C5-12-TRL
Description  3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ201GY-C5-12-TRL Datasheet(HTML) 2 Page - Acutechnology Semiconductor

  AQ201GY-C5-12-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ201GY-C5-12-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ201GY-C5-12-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ201GY-C5-12-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ201GY-C5-12-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ201GY-C5-12-TRL Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ201
www.acutechnology.com
2
Rev. 1.3 November 08, 2006
Pin Configuration
Pin Descriptions
Pin Name
Function
VCC
V supply. Must be greater than 2V for normal operation.
OT
Normally Open Drain, Vsat when thermal threshold is reached.
GND
Ground and Substrate, connected to the backside of the die through lead
frame.
Ordering Information
Device
Operating Tj
TTHRESH
Tolerance
PKG Type
Wrap
Ordering Number
AQ201
-55º C ≤ 150º C
115º C
± 3º C
TO-92-3
Bulk
AQ201GY-N3-12-BUL
AQ201
-55º C ≤ 150º C
115º C
± 3º C
TO-92-3
T&R
AQ201GY-N3-12-TRL
AQ201
-55º C ≤ 150º C
115º C
± 3º C
SOT-23-3
T&R
AQ201GY-M3-12-TRL
AQ201
-55º C ≤ 150º C
115º C
± 3º C
PSOT-23-6
T&R
AQ201GY-M7-12-TRL
AQ201
-55º C ≤ 150º C
115º C
± 3º C
SC70-5
T&R
AQ201GY-C5-12-TRL
Note:
The TRL parts are Lead Free and RoHS compliant.


Similar Part No. - AQ201GY-C5-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-C5-12-TRL ACUTECH-AQ200GY-C5-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M3-12-TRL ACUTECH-AQ200GY-M3-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M7-12-TRL ACUTECH-AQ200GY-M7-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-N3-12-BUL ACUTECH-AQ200GY-N3-12-BUL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
More results

Similar Description - AQ201GY-C5-12-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ297 ACUTECH-AQ297 Datasheet
311Kb / 6P
   3쨘C Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
logo
Texas Instruments
LM4040AIM3-2.5 TI-LM4040AIM3-2.5 Datasheet
1Mb / 52P
[Old version datasheet]   Small Packages: SOT-23, TO-92 and SC70
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ432 ACUTECH-AQ432 Datasheet
436Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
logo
Texas Instruments
LM4041-N TI-LM4041-N Datasheet
1Mb / 33P
[Old version datasheet]   Small Packages: SOT-23, TO-92, and SC70 , No Output Capacitor Required
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com