Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ297GY-M5-AJ-TR Datasheet(PDF) 4 Page - Acutechnology Semiconductor

Part # AQ297GY-M5-AJ-TR
Description  3쨘C Accurate with Hysteresis Adjustable Thermostat SOT23-5 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ297GY-M5-AJ-TR Datasheet(HTML) 4 Page - Acutechnology Semiconductor

  AQ297GY-M5-AJ-TR Datasheet HTML 1Page - Acutechnology Semiconductor AQ297GY-M5-AJ-TR Datasheet HTML 2Page - Acutechnology Semiconductor AQ297GY-M5-AJ-TR Datasheet HTML 3Page - Acutechnology Semiconductor AQ297GY-M5-AJ-TR Datasheet HTML 4Page - Acutechnology Semiconductor AQ297GY-M5-AJ-TR Datasheet HTML 5Page - Acutechnology Semiconductor AQ297GY-M5-AJ-TR Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ297
www.acutechnology.com
4
Rev. 1.1 October 08, 2006
Typical Application
The device AQ297 is very simple to use. It is recommended to place the AQ297 in close proximity of the device
whose temperature is to be sensed. The device AQ297 has an open drain output which is capable of sinking up
to 50mA when the sensed temperature exceeds the trip point. The temperature trip point can be set by the
addition of an external resistor RSET between the TREF and the TADJ pins as depicted in FIG.1 below.
FIG.1
It is assumed that the temperature coefficient of the external resistor be close to zero as it commonly is.
Higher accuracy resistors guarantee higher accuracy temperature trip point.
The resistor RSET value should be selected according to the table below to determine the desired temperature
trip point. The table in particular shows the desired resistor value for the temperature range between 50ºC and
80ºC. If no external resistor is selected the temperature trip point will be 120ºC.
RSET vs Tthresh.
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
70.0
90.0
110.0
130.0
150.0
170.0
190.0
210.0
RSET in Kohms


Similar Part No. - AQ297GY-M5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-C5-12-TRL ACUTECH-AQ200GY-C5-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M3-12-TRL ACUTECH-AQ200GY-M3-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-M7-12-TRL ACUTECH-AQ200GY-M7-12-TRL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200GY-N3-12-BUL ACUTECH-AQ200GY-N3-12-BUL Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
More results

Similar Description - AQ297GY-M5-AJ-TR

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ201 ACUTECH-AQ201 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 115쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ200 ACUTECH-AQ200 Datasheet
454Kb / 6P
   3쨘C Accurate with Hysteresis 120쨘C Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
AQ265 ACUTECH-AQ265 Datasheet
467Kb / 8P
   Adjustable Hot- Cold Thermostat SOT23-5 Package
logo
Dallas Semiconductor
DS1775 DALLAS-DS1775 Datasheet
230Kb / 13P
   SOT23-5 Digital Thermometer and Thermostat
DS1775 DALLAS-DS1775_02 Datasheet
246Kb / 14P
   SOT23-5 Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
logo
Micrel Semiconductor
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com