Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ431REX-N3-25-TRL Datasheet(PDF) 6 Page - Acutechnology Semiconductor

Part # AQ431REX-N3-25-TRL
Description  2.5V Shunt Ref/Amplifier TO-92 and SOT23 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ431REX-N3-25-TRL Datasheet(HTML) 6 Page - Acutechnology Semiconductor

  AQ431REX-N3-25-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ431REX-N3-25-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ431REX-N3-25-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ431REX-N3-25-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ431REX-N3-25-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ431REX-N3-25-TRL Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ431R
www.acutechnology.com
6
Rev. 1.6 June 15, 2007
Package Dimensions
TO92-2, TO92-3
Contact Information
Acutechnology Semiconductor Inc.
TEL: (408) 259-2300
3487 McKee Rd. Suite 52
FAX: (408) 259-9160
San Jose CA , USA 95127
website: www.acutechnology.com
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However,
Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications
at any time without notification to the customer.
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where
malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are
devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to
perform can be reasonably expected to result in a significant injury to the user.


Similar Part No. - AQ431REX-N3-25-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBY-C3-12-TRL ACUTECH-AQ431LBY-C3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBY-N3-12-TRL ACUTECH-AQ431LBY-N3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBYM3-12-TRL ACUTECH-AQ431LBYM3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431LBZ-C3-12-TRL ACUTECH-AQ431LBZ-C3-12-TRL Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
More results

Similar Description - AQ431REX-N3-25-TRL

ManufacturerPart #DatasheetDescription
logo
Acutechnology Semicondu...
AQ432 ACUTECH-AQ432 Datasheet
436Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ431L ACUTECH-AQ431L Datasheet
471Kb / 7P
   1.24V Shunt Ref/Amplifier TO-92, SOT23, SC70 Package
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
KEC(Korea Electronics)
2N5551 KEC-2N5551_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
KN2222 KEC-KN2222_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
KN3904 KEC-KN3904_98 Datasheet
28Kb / 1P
   TO-92 PACKAGE
BC239 KEC-BC239_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
BF421 KEC-BF421_05 Datasheet
20Kb / 1P
   TO-92 PACKAGE
BC309 KEC-BC309_98 Datasheet
30Kb / 1P
   TO-92 PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com