Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ4041 Datasheet(PDF) 2 Page - Acutechnology Semiconductor

Part # AQ4041
Description  Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ4041 Datasheet(HTML) 2 Page - Acutechnology Semiconductor

  AQ4041 Datasheet HTML 1Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 2Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 3Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 4Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 5Page - Acutechnology Semiconductor AQ4041 Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ4041
www.acutechnology.com
2
Rev. 1.1
June 14, 2007
Ordering Information
Device
Operating Tj
%Tol
PKG Type
VOUT
Wrap
Ordering Number
AQ4041
-40C˚ ≤ 85C˚
0.5
SOT-23-3
1.225V
T&R
AQ4041EZ-M3-12-TRL
AQ4041
-40C˚ ≤ 85C˚
1.0
SOT-23-3
1.225V
T&R
AQ4041EY-M3-12-TRL
AQ4041
-40C˚ ≤ 85C˚
0.5
SC70-5
1.225V
T&R
AQ4041EZ-C5-12-TRL
AQ4041
-40C˚ ≤ 85C˚
1.0
SC70-5
1.225V
T&R
AQ4041EY-C5-12-TRL
AQ4041
-40C˚ ≤ 85C˚
0.5
TO92-3
1.225V
T&R
AQ4041EZ-N3-12-TRL
AQ4041
-40C˚ ≤ 85C˚
1.0
TO92-3
1.225V
T&R
AQ4041EY-N3-12-TRL
Note:
The TRL parts are Lead Free and RoHS compliant.
Absolute Maximum Ratings
Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These stress ratings only, and functional operation of the device at these or any conditions beyond
those indicated under recommended Operating Conditions is not implied. Exposure to “Absolute Maximum
Rating” for extended periods may affect device reliability. Use of standard ESD handling precautions is
required.
Parameter
Value
Units
ANODE Forward Current
+50
mA
ANODE Reverse Current
-50
mA
Operating Junction Temperature
150
ºC
Lead Temperature (soldering 10 seconds)
260
ºC
Storage Temperature Range
-65 to +150
ºC
ESD (Human Body Model)
2
KV
Electrical Specifications
Electrical characteristics are guaranteed at 25ºC unless otherwise stated. Ambient temperature must be de-rated
based upon power dissipation and package thermal characteristics.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
0.5% option
1.219 1.225 1.231
V
VR
Reverse Breakdown Voltage
IR =100µA
–40ºC <Tj<85ºC
1.211
1.239
V
1.0% option
1.213 1.225 1.237
V
VR
Reverse Breakdown Voltage
IR =100µA
–40ºC <Tj<85ºC
1.201
1.249
V
∆VR
VR Temperature deviation
–40ºC <Tj<85ºC.
50
100
ppm/ºC
IR(min)
Minimum Operating Current
18
40
µA
∆VR/ ∆IR VR deviation with IR
IR(min) ≤ IR ≤ 12 mA
2
6
mV
–40ºC <Tj<85ºC
2
8
mV
ZR
Dynamic Output Impedance
IR=1mA, IAC = 0.1 IR, f = 120Hz
0.1
1.5
θN
Wideband Noise
IR=1mA, 10Hz ≤ f ≤ 10 kHz
20
µV rms
∆VR
Long term stability
T =1000 hrs, T =25ºC, IR =100µA
120
ppm


Similar Part No. - AQ4041

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ4020 LITTELFUSE-AQ4020 Datasheet
673Kb / 5P
   The AQ4020 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021 LITTELFUSE-AQ4021 Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG LITTELFUSE-AQ4021-01FTG Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG-C LITTELFUSE-AQ4021-01FTG-C Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4022 LITTELFUSE-AQ4022 Datasheet
607Kb / 5P
   AQ4022 Series 1.3pF, 15A Discrete TVS Diode
More results

Similar Description - AQ4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com