Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ8211AY-M5-18-TRL Datasheet(PDF) 10 Page - Acutechnology Semiconductor

Part # AQ8211AY-M5-18-TRL
Description  Ultra-Low Dropout 500mA Voltage Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ8211AY-M5-18-TRL Datasheet(HTML) 10 Page - Acutechnology Semiconductor

Back Button AQ8211AY-M5-18-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 6Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 7Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 8Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 9Page - Acutechnology Semiconductor AQ8211AY-M5-18-TRL Datasheet HTML 10Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ8211
www.acutechnology.com
10
Rev. 2.1 January 22, 2006
Contact Information
Acutechnology Semiconductor Inc.
TEL:
(408) 259-2300
3487 McKee Rd. Suite 52
FAX:
(408) 259-9160
San Jose CA , USA 95127
website:
www.acutechnology.com
Disclaimer
The information furnished by Acutechnology in this data sheet is believed to be accurate and reliable. However,
Acutechnology assumes no responsibility for its use. Acutechnology reserves the right to change circuitry and specifications
at any time without notification to the customer.
Life Support Policy
Acutechnology Products are not designed or authorized for use as components in life support devices or systems where
malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are
devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to
perform can be reasonably expected to result in a significant injury to the user.
AcuRef
 is a trademark of Acutechnology Semiconductor Inc


Similar Part No. - AQ8211AY-M5-18-TRL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AQ80C154-12 TEMIC-AQ80C154-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-16 TEMIC-AQ80C154-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-20 TEMIC-AQ80C154-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-25 TEMIC-AQ80C154-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AQ80C154-30 TEMIC-AQ80C154-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AQ8211AY-M5-18-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS2938 TSC-TS2938_15 Datasheet
144Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com