Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ4041EY-N3-12-TRL Datasheet(PDF) 5 Page - Acutechnology Semiconductor

Part # AQ4041EY-N3-12-TRL
Description  Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ4041EY-N3-12-TRL Datasheet(HTML) 5 Page - Acutechnology Semiconductor

  AQ4041EY-N3-12-TRL Datasheet HTML 1Page - Acutechnology Semiconductor AQ4041EY-N3-12-TRL Datasheet HTML 2Page - Acutechnology Semiconductor AQ4041EY-N3-12-TRL Datasheet HTML 3Page - Acutechnology Semiconductor AQ4041EY-N3-12-TRL Datasheet HTML 4Page - Acutechnology Semiconductor AQ4041EY-N3-12-TRL Datasheet HTML 5Page - Acutechnology Semiconductor AQ4041EY-N3-12-TRL Datasheet HTML 6Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Acutechnology Semiconductor Inc.
AQ4041
www.acutechnology.com
5
Rev. 1.1
June 14, 2007
Package Dimensions
TO92-2, TO92-3


Similar Part No. - AQ4041EY-N3-12-TRL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQ4020 LITTELFUSE-AQ4020 Datasheet
673Kb / 5P
   The AQ4020 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021 LITTELFUSE-AQ4021 Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG LITTELFUSE-AQ4021-01FTG Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4021-01FTG-C LITTELFUSE-AQ4021-01FTG-C Datasheet
677Kb / 5P
   The AQ4021 components integrate low capacitance steering diodes with one or two avalanche breakdown diodes for unidirectional or bidirectional protection
AQ4022 LITTELFUSE-AQ4022 Datasheet
607Kb / 5P
   AQ4022 Series 1.3pF, 15A Discrete TVS Diode
More results

Similar Description - AQ4041EY-N3-12-TRL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com