Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ8211CY-M5-33-TRL Datasheet(PDF) 7 Page - Acutechnology Semiconductor

Part # BQ8211CY-M5-33-TRL
Description  Low Dropout 300mA Voltage Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

BQ8211CY-M5-33-TRL Datasheet(HTML) 7 Page - Acutechnology Semiconductor

  BQ8211CY-M5-33-TRL Datasheet HTML 1Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 2Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 3Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 4Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 5Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 6Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 7Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 8Page - Acutechnology Semiconductor BQ8211CY-M5-33-TRL Datasheet HTML 9Page - Acutechnology Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Acutechnology Semiconductor Inc.
BQ8211
www.acutechnology.com
7
Rev. 1.3 September 13, 2006
3. Output Voltage
The BQ8211 meets all specifications down to 1.175V output. It does not suffer from
performance degradation issues such as experienced with CMOS LDO’s.
The BQ8211 develops a 1.175V reference voltage between the adjust pin terminal and
ground. This voltage is applied across the resistor R2 to generate a constant current (I2). The
current from the adjust terminal could introduce error to the output, but since it is very small
(<0.5µA) compared with the current I2 and very constant with line and load changes, the
error can be ignored. The constant current I2 then flows through resistor R1 and sets the
output voltage to the desired level.
The BQ8211 regulates the voltage that appears between its output and ground pins or
between its adjust and ground pins. In some cases, line resistances can introduce errors to
the voltage across the load. To obtain the best load regulation a few precautions are needed.
For example, it is important to minimize the line resistances to the load. So, the load itself
should be tied directly to the output terminal on the positive side and directly to the ground
terminal on the negative side.
The best performance is obtained with the positive side of the resistor R1 tied near the load
and with the ground side of the resistor R2 tied near the ground of the regulator. This will
provide remote output sensing which will optimize regulation at the load.
4. Enable/Sequencing
The BQ8211 provides an enable function. The EN pin has to be at least 1V for the device to
be fully turned on. When the voltage of the EN pin is low the device is in shutdown mode and
it will not draw any current from the VIN terminal.
5. Protection Diodes
Unlike older regulators, the BQ8211 requires no protection diodes between the ADJ pin and
VOUT or from the VOUT to the VIN to prevent over-stressing the die. Internal resistors are
limiting the internal current paths on the ADJ pin. Therefore, even with capacitors on the ADJ
pin, no protection diode is needed to ensure device safety under short circuit conditions.
External diodes between the VIN and VOUT are not usually needed. Only if high value
output capacitors are used (> 1000uF) and the input is instantaneously shorted to ground,
can damage occur.
6. Thermal Considerations
When an integrated circuit operates with an appreciable current, its junction temperature is
elevated. It is important to quantify its thermal limits in order to achieve acceptable
performance and reliability. This limit is determined by summing the individual parts
consisting of a series of temperature rises from the semiconductor junction to the operating
environment. The heat generated at the device junction flows through the die to the die
attach pad, through the lead frame to the surrounding case material, to the printed circuit
board, and eventually to the ambient environment.


Similar Part No. - BQ8211CY-M5-33-TRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ8015 TI1-BQ8015 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBT TI1-BQ8015DBT Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTG4 TI1-BQ8015DBTG4 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTR TI1-BQ8015DBTR Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
BQ8015DBTRG4 TI1-BQ8015DBTRG4 Datasheet
575Kb / 50P
[Old version datasheet]   Cool-GG?줡ROGRAMMABLE BATTERY MANAGEMENT IC
More results

Similar Description - BQ8211CY-M5-33-TRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
   300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
   300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
   300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
   300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
   300mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com