Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2387 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S2387
Description  Si photodiode For visible to IR, general-purpose photometry
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2387 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S2387 Datasheet HTML 1Page - Hamamatsu Corporation S2387 Datasheet HTML 2Page - Hamamatsu Corporation S2387 Datasheet HTML 3Page - Hamamatsu Corporation S2387 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si photodiode
S2387 series
AMBIENT TEMPERATURE (˚C)
(Typ. VR=10 mV)
100 k
1 M
10 M
100 M
1 G
10 T
-20
0
20
40
60
S2387-16R/33R
S2387-130R
S2387-1010R
80
10 G
100 G
1 T
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
200
400
600
800
1000
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
s Spectral response
s Photo sensitivity temperature characteristic
KSPDB0115EA
KSPDB0058EB
KSPDB0116EA
KSPDB0117EA
-0.5
0
+0.5
+1.0
+1.5
200
400
600
800
1000
WAVELENGTH (nm)
(Typ.)
s Rise time vs. load resistance
s Dark current vs. reverse voltage
s Shunt resistance vs. ambient temperature
KSPDB0118EA
LOAD RESISTANCE (
Ω)
(Typ. Ta=25 ˚C, VR=0 V)
10 ns
100 ns
1 µs
10 µs
100 µs
1 ms
102
103
104
105
S2387-16R/33R
S2387-130R
S2387-1010R
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
10 fA
100 fA
1 pA
10 pA
100 pA
1 nA
0.01
0.1
1
10
100
S2387-16R/33R
S2387-66R
S2387-1010R
S2387-130R
2


Similar Part No. - S2387

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2387 HAMAMATSU-S2387_15 Datasheet
626Kb / 4P
   Si photodiodes
More results

Similar Description - S2387

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1226 HAMAMATSU-S1226 Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S2551 HAMAMATSU-S2551 Datasheet
84Kb / 2P
   Si photodiode For visible to infrared precision photometry
S1337 HAMAMATSU-S1337 Datasheet
136Kb / 4P
   Si photodiode For UV to IR, precision photometry
S1336 HAMAMATSU-S1336 Datasheet
232Kb / 4P
   Si photodiode UV to near IR for precision photometry
S1223 HAMAMATSU-S1223 Datasheet
190Kb / 2P
   For visible IR precision photometry
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
   Large area photodiode for UV to IR, precision photometry
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com