Electronic Components Datasheet Search |
|
S5931-1024S Datasheet(PDF) 4 Page - Hamamatsu Corporation |
|
S5931-1024S Datasheet(HTML) 4 Page - Hamamatsu Corporation |
4 / 6 page NMOS linear image sensor S5930/S5931 series 0.5 0.4 0.3 0.2 0.1 0 200 400 600 800 1000 1200 WAVELENGTH (nm) (Ta=25 ˚C) S5930/S5931 SERIES IR HIGH-SENSITIVITY TYPE S8382/S8383 SERIES st 1 2 NC NC TE-COOLER + TE-COOLER - END OF SCAN NC DUMMY VIDEO ACTIVE VIDEO Vss 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 NC NC Vss Vscg Vsub NC THERMISTOR THERMISTOR NC Vscd NC NC Vss, Vsub and NC should be grounded. Electricity flows between the 20th pin and package metal. Figure 4 Pin connection KMPDC0115EA 10 -5 10 2 10 1 10 0 10 -1 10 -2 10 -3 10 -4 10 -3 10 -2 10 -1 10 0 EXPOSURE (lx · s) (Typ. Vb=2 V, V =5 V, light source: 2856 K) SATURATION CHARGE S5931 SERIES SATURATION EXPOSURE S5930 SERIES KMPDB0163EA Figure 5 Spectral response (typical example) Figure 6 Output charge vs. exposure KMPDB0164EA Terminal Input or output Description φ1, φ2 Input (CMOS logic compatible) Pulses for operating the MOS shift register. The video data rate is equal to the clock pulse frequency since the video output signal is obtained synchronously with the rise of φ2 pulse. φst Input (CMOS logic compatible) Pulse for starting the MOS shift register operation. The time interval between start pulses is equal to the signal accumulation time. Vss - Connected to the anode of each photodiode. This should be grounded. Vscg Input Used for restricting blooming. This should be grounded. Vscd Input Used for restricting blooming. This should be biased at a voltage equal to the video bias voltage. Active video Output Video output signal. Connects to photodiode cathodes when the address is on. A positive voltage should be applied to the video line in order to use photodiodes with a reverse voltage. When the amplitude of φ1 and φ2 is 5 V, a video bias voltage of 2 V is recommended. Dummy video Output This has the same structure as the active video, but is not connected to photodiodes, so only spike noise is output. This should be biased at a voltage equal to the active video or left as an open-circuit when not needed. Vsub - Connected to the silicon substrate. This should be grounded. End of scan Output (CMOS logic compatible) This should be pulled up at 5 V by using a 10 kΩ resistor. This is a negative going pulse that appears synchronously with the φ2 timing right after the last photodiode is addressed. NC - Should be grounded. TE-cooler Input For sensor chip cooling Thermistor Output For temperature control |
Similar Part No. - S5931-1024S |
|
Similar Description - S5931-1024S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |