Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS165 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS165
Description  PARALLEL-LOAD 8-BIT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS165 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ALS165 Datasheet HTML 2Page - Texas Instruments SN74ALS165 Datasheet HTML 3Page - Texas Instruments SN74ALS165 Datasheet HTML 4Page - Texas Instruments SN74ALS165 Datasheet HTML 5Page - Texas Instruments SN74ALS165 Datasheet HTML 6Page - Texas Instruments SN74ALS165 Datasheet HTML 7Page - Texas Instruments SN74ALS165 Datasheet HTML 8Page - Texas Instruments SN74ALS165 Datasheet HTML 9Page - Texas Instruments SN74ALS165 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN54ALS165, SN74ALS165
PARALLELLOAD 8BIT REGISTERS
SDAS157B − JUNE 1982 − REVISED DECEMBER 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
3.5 V
3.5 V
0.3 V
0.3 V
3.5 V
0.3 V
tn
tsu3
tsu4
tsu3
CLK
SER
Vref
SH/LD
Vref
Vref
Vref
NOTES: A. The eight data inputs and CLK INH are low. Results are monitored at QH at tn + 7.
B. The input pulse generators have the following characteristics: PRR
≤ 1 MHz, duty cycle = 50%, tr = tf = 2 ns.
C. Vref = 1.3 V
Figure 2. Voltage Waveforms
Test
Point
RL
From Output
Under Test
CL
(see Note A)
NOTE A: CL includes probe and jig capacitance.
Figure 3. Load Circuit for Switching Tests


Similar Part No. - SN74ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS165 TI-SN74ALS165 Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165D TI-SN74ALS165D Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165D TI-SN74ALS165D Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN74ALS165DR TI-SN74ALS165DR Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
More results

Similar Description - SN74ALS165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165 TI-SN54ALS165 Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54LV166A TI-SN54LV166A_08 Datasheet
525Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A_07 Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI1-SN54166_15 Datasheet
974Kb / 21P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com