Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10128 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S10128
Description  CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10128 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S10128 Datasheet HTML 1Page - Hamamatsu Corporation S10128 Datasheet HTML 2Page - Hamamatsu Corporation S10128 Datasheet HTML 3Page - Hamamatsu Corporation S10128 Datasheet HTML 4Page - Hamamatsu Corporation S10128 Datasheet HTML 5Page - Hamamatsu Corporation S10128 Datasheet HTML 6Page - Hamamatsu Corporation S10128 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KMPD1086E03
Sept. 2006 DN
CCD area image sensor
S8986, S10128
7
s Pin connections
Pin No.
Symbol
Description
Remark
1
GND
Ground
2
Vcc
+5 V power supply
3
SG
Summing gate
Same timing as P2H
4
Trigger B
Trigger B output
5
RG
Reset gate
6
NC
7
Reserve
Should be opened
8
NC
9
RD
Reset drain
10
NC
11
OD
Output transistor drain
12
NC
13
OUT
Sensor output
14
NC
15
GND
Ground
16
NC
17
P1V
CCD vertical register clock-1
18
Reserve
Should be opened
19
Reserve
Should be opened
20
P2H
CCD horizontal register clock-2
21
NC
22
P1H
CCD horizontal register clock-1
23
NC
24
GND
Ground
25
NC
26
RD
Reset drain
27
NC
28
OD
Output transistor drain
29
NC
30
GND
Ground
31
NC
32
OUT
Sensor output
33
NC
34
P2V
CCD vertical register clock-2
35
NC
36
TG
Transfer gate
Same timing as P2V
s Precautions for use (Electrostatic countermeasures)
*Handle these sensors with bare hands or wearing cotton gloves. In addition, wear anti-static clothing or use a wrist band with
an earth ring, in order to prevent electrostatic damage due to electrical charges from friction.
*Avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.
*Provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to dis-
charge.
*Ground the tools used to handle these sensors, such as tweezers and soldering irons.
It is not always necessary to provide all the electrostatic measures stated above. Implement these measures according to
the amount of damage that occurs.


Similar Part No. - S10128

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10121 HAMAMATSU-S10121_15 Datasheet
387Kb / 13P
   CMOS linear image sensors
logo
ON Semiconductor
S10122PBIB ONSEMI-S10122PBIB Datasheet
227Kb / 18P
   Universal Voltage Monitors
December, 2008 ??Rev. 11
logo
Hamamatsu Corporation
S10127 HAMAMATSU-S10127 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
logo
Teccor Electronics
S1012L TECCOR-S1012L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S10128

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com