Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2203FG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV2203FG-G
Description  Low Charge Injection, 8-Channel High Voltage Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2203FG-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV2203FG-G Datasheet HTML 1Page - Supertex, Inc HV2203FG-G Datasheet HTML 2Page - Supertex, Inc HV2203FG-G Datasheet HTML 3Page - Supertex, Inc HV2203FG-G Datasheet HTML 4Page - Supertex, Inc HV2203FG-G Datasheet HTML 5Page - Supertex, Inc HV2203FG-G Datasheet HTML 6Page - Supertex, Inc HV2203FG-G Datasheet HTML 7Page - Supertex, Inc HV2203FG-G Datasheet HTML 8Page - Supertex, Inc HV2203FG-G Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV2203
Sym
Parameter
0OC+25OC+70OC
Conditions
Min
Max
Min
Typ
Max
Min
Max
AC Electrical Characteristics
(Over recommended operating conditions: V
DD = 5.0V, tR = tF ≤5ns, 50% duty cycle, CLOAD = 20pF, unless otherwise specified)
t
SD
Set up time before LE rises
25
-
25
-
-
25
-
ns
---
t
WLE
Time width of LE
56
-
-
56
-
56
-
ns
V
DD = 3.0V
12
-
-
12
-
12
-
V
DD = 5.0V
t
DO
Clock delay time to data out
50
100
50
78
100
50
100
ns
V
DD = 3.0V
15
40
15
30
40
15
40
V
DD = 5.0V
t
WCL
Time width of CLR
55
-
55
-
-
55
-
ns
---
t
SU
Set up time data to clock
21
-
-
21
-
21
-
ns
V
DD = 3.0V
7.0-
-7.0
-7.0
-
V
DD = 5.0V
t
H
Hold time data from clock
2.0
-
2.0
-
-
2.0
-
ns
V
DD = 3.0 or 5.0V
f
CLK
Clock frequency
-
8.0
-
-
8.0
-
8.0
MHz
V
DD = 3.0V
-20-
-20-20
V
DD = 5.0V
t
R, tF
Clock rise and fall times
-
50
-
50
-
50
ns
---
t
ON
Turn on time
-
5.0
-
-
5.0
-
5.0
μs
V
SIG = VPP -10V, RLOAD = 10kΩ
t
OFF
Turn off time
-
5.0
-
-
5.0
-
5.0
μs
V
SIG = VPP -10V, RLOAD = 10kΩ
dv/dt
Maximum V
SIG slew rate
-20-
-20-20
V/ns
V
PP = +40V, VNN = -120V
-20-
-20-20
V
PP = +80V, VNN = -80V
-20-
-20-20
V
PP = +120V, VNN = -40V
K
O
Off isolation
-30
-
-30
-33
-
-30
-
dB
f = 5.0MHz, 1.0kΩ/15pF load
-58
-
-58
-
-
-58
-
f = 5.0MHz, 50Ω load
K
CR
Switch crosstalk
-60
-
-60
-70
-
-60
-
dB
f = 5.0MHz, 50Ω load
I
ID
Output switch isolation diode
current
-
300
-
-
300
-
300
mA
300ns pulse width,
2.0% duty cycle
C
SG(OFF)
Off capacitance SW to GND
-
-
-
6.5
-
-
-
pF
0V, f = 1.0MHz
C
SG(ON)
On capacitance SW to GND
-
-
-
21.7
-
-
-
pF
0V, f = 1.0MHz
+V
SPK
Output voltage spike
---
18
---
mV
V
PP = +40V, VNN = -120V,
R
LOAD = 50Ω
-V
SPK
---
60
---
+V
SPK
---
30
---
V
PP = +80V, VNN = -80V,
R
LOAD = 50Ω
-V
SPK
---
60
---
+V
SPK
---
33
---
V
PP = +120V, VNN = -40V,
R
LOAD = 50Ω
-V
SPK
---
60
---
QC
Charge injection
---
270
---
pC
V
PP = +40V, VNN = -120V,
V
SIG = 0V
---
220
---
V
PP = +80V, VNN = -80V,
V
SIG = 0V
---
152
---
V
PP = +120V, VNN = -40V,
V
SIG = 0V


Similar Part No. - HV2203FG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV2201 SUTEX-HV2201 Datasheet
324Kb / 9P
   Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
HV2201 SUTEX-HV2201 Datasheet
816Kb / 10P
   Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201B1-G SUTEX-HV2201B1-G Datasheet
324Kb / 9P
   Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
More results

Similar Description - HV2203FG-G

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
   Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219 Datasheet
572Kb / 8P
   Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_13 Datasheet
848Kb / 9P
   200V Low Charge Injection 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com