Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10201-04 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S10201-04
Description  Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10201-04 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S10201-04 Datasheet HTML 1Page - Hamamatsu Corporation S10201-04 Datasheet HTML 2Page - Hamamatsu Corporation S10201-04 Datasheet HTML 3Page - Hamamatsu Corporation S10201-04 Datasheet HTML 4Page - Hamamatsu Corporation S10201-04 Datasheet HTML 5Page - Hamamatsu Corporation S10201-04 Datasheet HTML 6Page - Hamamatsu Corporation S10201-04 Datasheet HTML 7Page - Hamamatsu Corporation S10201-04 Datasheet HTML 8Page - Hamamatsu Corporation S10201-04 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Back-thinned TDI-CCD
S10200-02, S10201-04, S10202-08, S10202-16
4
s Operating conditions (TDI mode, Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
12
15
18
V
Reset drain voltage
VRD
11
12
13
V
Output gate voltage
VOG
35
7
V
Substrate voltage
VDGND, VAGND
-
0
-
V
Overflow drain voltage
VOFD
4
6
9
V
Overflow gate voltage
VOFG
0
4
6
V
High
VP1VH, VP2VH, VP3VH
46
8
Vertical shift register
clock voltage
Low
VP1VL, VP2VL, VP3VL
-6
-5
-4
V
High
VP1HH, VP2HH
4
6
8
Horizontal shift register
clock voltage
Low
VP1HL, VP2HL
-6
-5
-4
V
High
VSGH
4
6
8
Summing gate voltage
Low
VSHL
-6
-5
-4
V
High
VRGH
7
8
9
Reset gate voltage
Low
VRGL
-6
0
-
V
High
VTGH
4
6
8
Transfer gate voltage
Low
VTGL
-6
-5
-4
V
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Saturation output voltage
Vsat
-
FW × Sv
-
V
Full well capacity *1
FW
100
120
140
ke-
CCD node sensitivity
Sv
3
3.5
4
µV/e-
Dark current *1, *2
DS
-
100
300
e-/pixel
Readout noise
*3
Nr
-
100
200
e- rms
Dynamic range
DR
-
1200
-
-
Photo response non-uniformity *4
PRNU
-
±3
±10
%
Spectral response range
λ
-
200 to 1100
-
nm
*1: TDI mode
*2: Line rate 50 kHz, accumulated dark signal after 128-stage transfer
*3: Readout frequency 30 MHz
*4: Measured at one-half of the full well. In TDI mode.
s Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal output frequency
fc
-
30
40
MHz
Reset clock frequency
frg
-
30
40
MHz
S10200-02
-
250
-
S10201-04
-
400
-
Vertical shift register
capacitance
S10202-08/-16
CP1V, CP2V, CP3V
-
650
-
pF
S10200-02
-
50
-
S10201-04
-
50
-
S10202-08
-
50
-
Line rate
S10202-16
LR
-
100
-
kHz
S10200-02
-
50
-
S10201-04
-
90
-
Horizontal shift register
capacitance
S10202-08/-16
CP1H, CP2H
-90
-
pF
S10200-02
-
40
-
S10201-04
-
60
-
Transfer gate capacitance
S10202-08/-16
CTG
-
100
-
pF
S10200-02
-
20
-
S10201-04
-
40
-
Summing gate capacitance
S10202-08/-16
CSG
-40
-
pF
S10200-02
-
20
-
S10201-04
-
40
-
Reset gate capacitance
S10202-08/-16
CRG
-
40
-
pF
Charge transfer efficiency *5
CTE
0.99995
0.99999
-
-
Output level *6
Vout
-
6.5
-
V
Output impedance *7
Zo
-
300
-
Output MOSFET supply current/node
Ido
-
5
10
mA
Power consumption *6, *7
P-
75
-
mW
*5: Charge transfer efficiency per pixel, measured at half of the full well capacity.
*6: VOD=15 V, Load resistance=2.2 k
*7: Power consumption of the on-chip amplifier plus load resistance.


Similar Part No. - S10201-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10200-02-01 HAMAMATSU-S10200-02-01_15 Datasheet
855Kb / 14P
   TDI-CCD image sensors
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
S102031SS03Q CK-COMPONENTS-S102031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
logo
List of Unclassifed Man...
S1020GE10PL ETC1-S1020GE10PL Datasheet
190Kb / 3P
   A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
S1020GE5PL ETC1-S1020GE5PL Datasheet
190Kb / 3P
   A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
More results

Similar Description - S10201-04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
C8000-20 HAMAMATSU-C8000-20 Datasheet
121Kb / 2P
   BT(Back-thinned)-CCD Video Camera
C8000-10 HAMAMATSU-C8000-10 Datasheet
66Kb / 2P
   BT(Back-thinned)-CCD Digital Camera
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com