Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5329KRM-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5329KRM-REEL7
Description  Two?셲 Complement Dual, 12-Bit DACs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5329KRM-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5329KRM-REEL7 Datasheet HTML 1Page - Analog Devices AD5329KRM-REEL7 Datasheet HTML 2Page - Analog Devices AD5329KRM-REEL7 Datasheet HTML 3Page - Analog Devices AD5329KRM-REEL7 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Two’s Complement, Dual 12-Bit DAC
AD5329
REV PrC 20 DEC 99
– 4 –
Information contained in this Preliminary Data Sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final product in its present
form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL 408 562-7254; FAX 408 562-7154; email; walt.heinzer@analog.com
FSYNC
t
3
t
2
t
4
t
5
t
7
t
6
t
8
1
SDI
0
1
SCLK
0
1
0
Dx
Dx
t
S
±1LSB
ERROR
BAND
1
V
OUT
0
t
1
Dx
Dx
Figure 1B. Detail Timing Diagram
OPERATION
The AD5329 provides a 12-bit, 2’s complement, dual, voltage-output
digital-to-analog converter. The first data bit of the 16-bit serial
register is decoded to determine which DAC register (DAC A:
A0= “0”, DAC B: A0= “1”) will be loaded with the final 12-bits of
data.
TABLE 3: Input Logic Control Truth Table
SCLK
FSYNC
Register Activity
L
H
No Shift Register Effect
P
L
Shift One bit in from the SDA pin.
L
P
Transfer SR data into DAC Register
X
L
No Operation
NOTE: P = positive edge, X = don't care, SR = Shift Register
The data setup and data hold times in the specification table
determine the data valid time requirements. The last 12 bits of the
data word entered into the serial register are held when
FSYNC returns
high.
The internal power ON reset circuit clears the serial input registers to
all zeros, and sets the two DAC registers to VBZ (zero code).
All digital inputs are ESD protected with a series input resistor and
parallel Zener as shown in figure 7. Applies to digital input pins
SCLK, SDA,
FSYNC
LOGIC
1K
Figure 7. Equivalent ESD Protection Circuit
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)


Similar Part No. - AD5329KRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results

Similar Description - AD5329KRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD7244JRZ AD-AD7244JRZ Datasheet
283Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
AD7242 AD-AD7242 Datasheet
319Kb / 12P
   LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
REV. A
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Linear Technology
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
logo
Analog Devices
LTC2634 AD-LTC2634 Datasheet
642Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs Reference
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com