Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3437 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3437
Description  Silicon NPN Epitaxial Type (PCT process) Ultra High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3437 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3437 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3437 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3437
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
μA
hFE (1)
(Note)
VCE = 1 V, IC = 10 mA
40
240
DC current gain
hFE (2)
VCE = 1 V, IC = 100 mA
20
Collector-emitter saturation voltage
VCE (sat)
IC = 20 mA, IB = 1 mA
0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = 20 mA, IB = 1 mA
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
200
400
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
4
6
pF
Turn-on time
ton
70
Storage time
tstg
15
Switching time
Fall time
tf
Duty cycle <= 2%
30
ns
Note: hFE (1) classification R: 40~80, O: 70~140, Y: 120~240


Similar Part No. - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3437 TOSHIBA-2SC3437 Datasheet
160Kb / 4P
   NPN EPITAXIAL TYPE (ULTRA HIGH SPEED SWITCHING, COMPUTER, COUNTER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3437 KEXIN-2SC3437 Datasheet
41Kb / 2P
   Silicon NPN Epitaxial
logo
Shenzhen Jin Yu Semicon...
2SC3437 HTSEMI-2SC3437 Datasheet
433Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC3437 JIANGSU-2SC3437 Datasheet
722Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3437

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
   Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
RN4988 TOSHIBA-RN4988 Datasheet
217Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4989 TOSHIBA-RN4989 Datasheet
216Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606_07 Datasheet
250Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4606 TOSHIBA-RN4606 Datasheet
159Kb / 4P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4908 TOSHIBA-RN4908 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4985 TOSHIBA-RN4985 Datasheet
152Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4909 TOSHIBA-RN4909 Datasheet
155Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4604 TOSHIBA-RN4604_07 Datasheet
251Kb / 5P
   Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4986 TOSHIBA-RN4986 Datasheet
150Kb / 6P
   Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com