Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3619 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3619
Description  Silicon NPN Triple Diffused Type (PCT Process) High-Voltage Switching and Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3619 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3619_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3619_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3619_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3619_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3619_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3619
2006-11-09
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type (PCT Process)
2SC3619
High-Voltage Switching and Amplifier Applications
Color TV Horizontal Driver Applications
Color TV Chroma Output Applications
• High breakdown voltage: VCEO = 300 V
• Small collector output capacitance: Cob = 3.0 pF (typ.)
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
300
V
Collector-emitter voltage
VCEO
300
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
100
mA
Base current
IB
50
mA
Collector power dissipation
(Ta = 25°C)
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC3619_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3619 TOSHIBA-2SC3619 Datasheet
192Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE SWITCHING AND AMPLIFIER, COLOR TV HORIZONTAL DRIVER, COLOR TV CHROMA OUTPUT APPLICATIONS)
logo
Savantic, Inc.
2SC3619 SAVANTIC-2SC3619 Datasheet
146Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3619 ISC-2SC3619 Datasheet
173Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3619 SAVANTIC-2SC3619 Datasheet
148Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3619_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5353 TOSHIBA-2SC5353_06 Datasheet
146Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching Applications
2SC5172 TOSHIBA-2SC5172_06 Datasheet
143Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High-Voltage Switching Applications
2SC3963 TOSHIBA-2SC3963_06 Datasheet
123Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process) High-Voltage General Amplifier Applications
2SC5930 TOSHIBA-2SC5930 Datasheet
142Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
2SC3075 TOSHIBA-2SC3075_06 Datasheet
170Kb / 5P
   Silicon NPN Triple Diffused Type (PCT process) Switching Regulator and High Voltage Switching
2SC2068 TOSHIBA-2SC2068 Datasheet
70Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SD1052A TOSHIBA-2SD1052A Datasheet
113Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS)
2SC1569 TOSHIBA-2SC1569 Datasheet
244Kb / 2P
   SILICON NPN TRIPLE DIFFUSED TYPE(PCT PROCESS)
2SB1018A TOSHIBA-2SB1018A_06 Datasheet
170Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
2SC2230A TOSHIBA-2SC2230A Datasheet
133Kb / 5P
   Silicon NPN Triple Diffused Type (PCT Process)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com