Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54BCT640 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN54BCT640
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT640 Datasheet(HTML) 3 Page - Texas Instruments

  SN54BCT640 Datasheet HTML 1Page - Texas Instruments SN54BCT640 Datasheet HTML 2Page - Texas Instruments SN54BCT640 Datasheet HTML 3Page - Texas Instruments SN54BCT640 Datasheet HTML 4Page - Texas Instruments SN54BCT640 Datasheet HTML 5Page - Texas Instruments SN54BCT640 Datasheet HTML 6Page - Texas Instruments SN54BCT640 Datasheet HTML 7Page - Texas Instruments SN54BCT640 Datasheet HTML 8Page - Texas Instruments SN54BCT640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54BCT640, SN74BCT640
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS025C – SEPTEMBER 1988 – REVISED APRIL 1994
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54BCT640
SN74BCT640
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High level output current
A port
–3
–3
mA
IOH
High-level output current
B port
–12
–15
mA
IOL
Low level output current
A port
20
24
mA
IOL
Low-level output current
B port
48
64
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT640
SN74BCT640
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
A port
VCC =4 5V
IOH = –1 mA
2.5
3.4
2.5
3.4
A port
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
IOH = – 3 mA
2.4
3.3
2.4
3.3
V
B port
VCC = 4.5 V
IOH = –12 mA
2
3.2
IOH = –15 mA
2
3.1
A port
VCC =4 5V
IOL = 20 mA
0.3
0.5
VOL
A port
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
B port
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
B port
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
I
A or B port
VCC =5 5V
VI =5 5V
1
1
mA
II
Control inputs
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
I
A or B port
VCC =5 5V
VI =2 7V
70
70
µA
IIH‡
Control inputs
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I ‡
A or B port
VCC =5 5V
VI =0 5V
– 0.6
– 0.6
mA
IIL‡
Control inputs
VCC = 5.5 V,
VI = 0.5 V
– 0.65
– 0.65
mA
I
§
A port
VCC =5 5V
VO =0
–60
–150
–60
–150
mA
IOS§
B port
VCC = 5.5 V,
VO = 0
–100
– 225
–100
– 225
mA
ICCL
A to B
VCC = 5.5 V
53
84
53
94
mA
ICCH
A to B
VCC = 5.5 V
23
37
23
41
mA
ICCZ
VCC = 5.5 V
4
10
4
11
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SN54BCT640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT640 TI-SN54BCT640 Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT640 TI-SN54BCT640 Datasheet
650Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT640FK TI-SN54BCT640FK Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT640J TI-SN54BCT640J Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT640W TI-SN54BCT640W Datasheet
476Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT640

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com