Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8838BEIV300Z Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8838BEIV300Z
Description  High PSRR, 150mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8838BEIV300Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8838BEIV300Z Datasheet HTML 4Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 5Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 6Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 7Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 8Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 9Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 10Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 11Page - Analog Microelectronics AME8838BEIV300Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME, Inc.
8
High PSRR, 150mA CMOS LDO
AME8838
Rev.E.04
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note1
6
V
-1.5
1.5
-3
3
Current Limit
ILIM
200
350
500
Short Circuit Limit
ISC
200
Quiescent Current
IQ
30
45
µA
-0.25
0.1
0.25
-0.4
0.4
-0.4
0.2
0.4
-0.6
0.6
Over Temperature Shutdown
OTS
160
oC
Over Temperature Hysterisis
OTH
40
oC
VOUT Temperature Coefficient
TC
30
ppm/
oC
Power Supply Ripple Rejection
PSRR
65
dB
IOUT=150mA, VOUT<=2.0V, VDROPOUT=2.5V-VOUT
120
250
IOUT=150mA, 2.0V<VOUT< 2.5V
VOUT=VOUT(nom) -2%VOUT(nom)
180
360
200
IOUT=150mA, 2.5V<=VOUT< 3.0V
VOUT=VOUT(nom) -2%VOUT(nom)
135
270
80
170
mV
IOUT=150mA, VOUT>= 3.0V
VOUT=VOUT(nom) -2%VOUT(nom)
120
240
IOUT=80mA, 2.5V<=VOUT< 3.0V
VOUT=VOUT(nom) -2%VOUT(nom)
90
Dropout Voltage
(See Note 1)
VDROPOUT
IOUT=80mA, VOUT>= 3.0V
VOUT=VOUT(nom) -2%VOUT(nom)
IOUT=80mA, 2.0V<VOUT< 2.5V
VOUT=VOUT(nom) -2%VOUT(nom)
%/mA
IOUT = 0mA
IOUT = 0mA
0.02
-0.04
0.004
0.04
IOUT = 1mA, VOUT > 2.0V
TA = 25
oC
VOUT <= 2.0V
VIN = 2.5V
VOUT > 2.0V
VIN = VOUT + 0.5V
IOUT = 1 to 150mA
Test Condition
%/V
IOUT = 1mA, TA = 25
o C
Line Regulation
(See Note 2)
REGLINE
TA = 25
oC
IOUT = 1mA, VOUT <= 2.0V
VIN = 2.5V to VIN = 6V
TA = 25
oC, V
IN = 6V, 1mA < IOUT < 150mA
VOUT = 0.8xVOUT(nom) , TA = 25
oC
Load Regulation
(See Note 3)
REGLOAD
Output Voltage Accuracy
VOUT(nom)
VOUT = 0V, TA = 25
oC
VIN = 4.3V, VOUT = 3.3V, COUT = 10
µf
IOUT = 100mA, f = 1kHz
VIN = VOUT +0.5V to VIN = 6V
mA
%
IOUT = 1mA, TJ = -40 to 125
oC
-0.02
0.0025
TJ =-40 to 125
oC
TJ = -40 to125
oC
n Electrical Specifications (Contd.)
V
OUT(nom) > 2.0V, VIN=VOUT(nom)+ 0.5V; VOUT
2V, V
IN = 2.5V, VEN = VIN, TJ = -40 to 125
OC, C
IN = COUT = 1µF
unless otherwise noted.


Similar Part No. - AME8838BEIV300Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8830 AKM-AME8830 Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Y AKM-AME8830AEEV285Y Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8830AEEV285Z AKM-AME8830AEEV285Z Datasheet
144Kb / 15P
   Ultra Low Dropout, Fast Turn On 150mA CMOS Regulator
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8831AEEV180Y AME-AME8831AEEV180Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8838BEIV300Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com