Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX70SMJ-03 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FX70SMJ-03
Description  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX70SMJ-03 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FX70SMJ-03 Datasheet HTML 1Page - Powerex Power Semiconductors FX70SMJ-03 Datasheet HTML 2Page - Powerex Power Semiconductors FX70SMJ-03 Datasheet HTML 3Page - Powerex Power Semiconductors FX70SMJ-03 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
FX70SMJ-03
OUTLINE DRAWING
Dimensions in mm
TO-3P
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
–30
±20
–70
–280
–70
–70
–280
150
–55 ~ +150
–55 ~ +150
4.8
VGS = 0V
VDS = 0V
L = 10
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
V
V
A
A
A
A
A
W
°C
°C
g
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25°C)
Parameter
Conditions
Ratings
Unit
4V DRIVE
VDSS ............................................................... –30V
rDS (ON) (MAX) ............................................. 12.3mΩ
ID .................................................................... –70A
Integrated Fast Recovery Diode (TYP.) ...........70ns
15.9 max
4.5
1.5
φ 3.2
2
1.0
5.45
4.4
0.6
2.8
5.45
4
G
1
1
1
2
2
2
3
3
3
GATE
DRAIN
SOURCE
DRAIN
4
4
4
MITSUBISHI Pch POWER MOSFET
FX70SMJ-03
HIGH-SPEED SWITCHING USE


Similar Part No. - FX70SMJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX70SMJ-03 MITSUBISHI-FX70SMJ-03 Datasheet
56Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX70SMJ-03 RENESAS-FX70SMJ-03 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX70SMJ-03-A8 RENESAS-FX70SMJ-03-A8 Datasheet
172Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX70SMJ-03

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FX30KMJ-2 POWEREX-FX30KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-03 POWEREX-FX50KMJ-03 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-2 POWEREX-FX50KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com