Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HU1E100KC Datasheet(PDF) 6 Page - DB Lectro Inc

Part # HU1E100KC
Description  CHIP TYPE, MID-TO-HIGH VOLTAGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HU1E100KC Datasheet(HTML) 6 Page - DB Lectro Inc

Back Button HU1E100KC Datasheet HTML 2Page - DB Lectro Inc HU1E100KC Datasheet HTML 3Page - DB Lectro Inc HU1E100KC Datasheet HTML 4Page - DB Lectro Inc HU1E100KC Datasheet HTML 5Page - DB Lectro Inc HU1E100KC Datasheet HTML 6Page - DB Lectro Inc HU1E100KC Datasheet HTML 7Page - DB Lectro Inc HU1E100KC Datasheet HTML 8Page - DB Lectro Inc HU1E100KC Datasheet HTML 9Page - DB Lectro Inc HU1E100KC Datasheet HTML 10Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SERIES CHART
Chip Type Aluminum Electrolytic Capacitors
CN
85 C
Non-polarized
KP
105 C
Non-polarized
CS
85 C
Standard
CK
105 C Wide
temperature
EL
105 C Long
life assurance
KH
125 C High
reliability
KL
105 C 5000
hours load life
LZ
105 C Low
impedance
KZ
105 C Extra
lower
impedance
Wide
temperature
Non-polarized
Wide temperature
Low impedance
Extra Low impedance
Extra longer life
Longer life
Higher
reliability
FZ
105 C Long life
with extra lower
impedance
Longer life
HU
Mid-to-high
voltage
Higher
Voltage
Low leakage
current
SC
8
5 C Low
leakage current
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - HU1E100KC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HU10 ETC-HU10 Datasheet
258Kb / 2P
   HUMIDITY SENSORS
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU10005 MICROSEMI-HU10005 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10010 MICROSEMI-HU10010 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
HU10015 MICROSEMI-HU10015 Datasheet
213Kb / 4P
   Ultrafast Recovery Modules
More results

Similar Description - HU1E100KC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGJ3E2X7R2A152K080AA TDK-CGJ3E2X7R2A152K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A472K080AA TDK-CGJ3E2X7R2A472K080AA Datasheet
139Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D151J080AA TDK-CGJ3E3C0G2D151J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D471J080AA TDK-CGJ3E3C0G2D471J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A103K080AA TDK-CGJ3E2X7R2A103K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E2X7R2A222K080AA TDK-CGJ3E2X7R2A222K080AA Datasheet
138Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D121J080AA TDK-CGJ3E3C0G2D121J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D181J080AA TDK-CGJ3E3C0G2D181J080AA Datasheet
130Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D331J080AA TDK-CGJ3E3C0G2D331J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
CGJ3E3C0G2D681J080AA TDK-CGJ3E3C0G2D681J080AA Datasheet
131Kb / 1P
   High Reliability Grade ( Mid Voltage (100 to 630V) )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com