Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1062 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK1062
Description  Silicon N Channel MOS Type High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1062 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1062_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1062_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1062_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1062_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1062_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK1062
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
±100
nA
Drain cut-off current
IDSS
VDS = 60 V, VGS = 0
10
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 1 mA, VGS = 0
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2
3.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 50 mA
100
mS
Drain-source ON resistance
RDS (ON)
ID = 50 mA, VGS = 10 V
0.6
1.0
Ω
Drain-source ON voltage
VDS (ON)
ID = 50 mA, VGS = 10 V
30
50
mV
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
55
65
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
13
18
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
40
50
pF
Rise time
tr
8
Turn-on time
ton
14
Fall time
tf
35
Switching time
Turn-off Time
toff
VIN: tr, tf < 5 ns
D.U <= 1% (Zout = 50 Ω)
75
ns
Note: This transistor is the electrostatic sensitive device. Please handle with caution.


Similar Part No. - 2SK1062_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
More results

Similar Description - 2SK1062_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16FV TOSHIBA-SSM3K16FV Datasheet
129Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K116TU TOSHIBA-SSM3K116TU Datasheet
142Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K105TU TOSHIBA-SSM3K105TU Datasheet
471Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K15FS TOSHIBA-SSM3K15FS_07 Datasheet
166Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K16TE TOSHIBA-SSM3K16TE_07 Datasheet
147Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
SSM3K101TU TOSHIBA-SSM3K101TU Datasheet
145Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com