Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1365 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK1365
Description  Silicon N Channel MOS Type Switching Power Supply Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1365 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1365 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1365 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1365 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1365 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1365 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1365 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1365
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±20 V, VDS = 0 V
±50
nA
Drain cut−off current
IDSS
VDS = 800 V, VGS = 0 V
300
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
1000
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain−source ON resistance
RDS (ON)
ID = 4 A, VGS = 10 V
1.5
1.8
Forward transfer admittance
|Yfs|
VDS = 20 V, ID = 4 A
2.0
4.0
S
Input capacitance
Ciss
1300
Reverse transfer capacitance
Crss
100
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
180
pF
Rise time
tr
25
Turn−on time
ton
40
Fall time
tf
20
Switching time
Turn−off time
toff
100
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
120
Gate−source charge
Qgs
70
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 7 A
50
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
7
A
Pulse drain reverse current
(Note 1)
IDRP
21
A
Forward voltage (diode)
VDSF
IDR = 7 A, VGS = 0 V
−1.9
V
Marking
K1365
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK1365

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1365 TOSHIBA-2SK1365 Datasheet
443Kb / 6P
   FET, Silicon N Channel MOS Type(for High Speed, High Current Switching, Switching Power Supply)
2SK1365 TOSHIBA-2SK1365 Datasheet
405Kb / 6P
   Switching Power Supply Applications
2SK1365 TOSHIBA-2SK1365 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK1365 ISC-2SK1365 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1365 TOSHIBA-2SK1365_09 Datasheet
405Kb / 6P
   Switching Power Supply Applications
More results

Similar Description - 2SK1365

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com