Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1486 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK1486
Description  N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1486 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1486 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1486 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1486 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1486 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1486 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1486 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1486
2006-11-02
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
±100
nA
Drain cut−off current
IDSS
VDS = 300 V, VGS = 0 V
300
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
300
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
ID = 16 A, VGS = 10 V
0.08
0.095
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 16 A
10
14
S
Input capacitance
Ciss
3500
Reverse transfer capacitance
Crss
800
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1250
pF
Rise time
tr
255
Turn−on time
ton
325
Fall time
tf
280
Switching time
Turn−off time
toff
540
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
140
Gate−source charge
Qgs
60
Gate−drain (“miller”) charge
Qgd
VDD ≈ 240 V, VGS = 10 V, ID = 32 A
80
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
32
A
Pulse drain reverse current
(Note 1)
IDRP
128
A
Forward voltage (diode)
VDSF
IDR = 32 A, VGS = 0 V
−1.8
V
Reverse recovery time
trr
615
ns
Reverse recovered charge
Qrr
IDR = 32 A, VGS = 0 V
dIDR / dt = 100 A / μs
6.8
μC
Marking
2SK1486
TOSHIBA
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK1486

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1486 TOSHIBA-2SK1486 Datasheet
257Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
logo
Inchange Semiconductor ...
2SK1486 ISC-2SK1486 Datasheet
67Kb / 2P
   Drain Current ?밒D=32A@ TC=25C
logo
Toshiba Semiconductor
2SK1486 TOSHIBA-2SK1486 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK1486 TOSHIBA-2SK1486_09 Datasheet
386Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results

Similar Description - 2SK1486

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3084 TOSHIBA-2SK3084 Datasheet
142Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
   N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK3090 TOSHIBA-2SK3090 Datasheet
137Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3068 TOSHIBA-2SK3068 Datasheet
291Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3128 TOSHIBA-2SK3128 Datasheet
140Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3089 TOSHIBA-2SK3089 Datasheet
137Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3127 TOSHIBA-2SK3127 Datasheet
139Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com