Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS423 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS423
Description  Ultra-High-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS423 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS423 Datasheet HTML 1Page - Toshiba Semiconductor 1SS423 Datasheet HTML 2Page - Toshiba Semiconductor 1SS423 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS423
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS423
Ultra-High-Speed Switching Applications
Small package
Low forward voltage: VF (3) = 0.56 V (typ.)
Low reverse current: IR = 5 μA (max)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
45
V
Reverse voltage
VR
40
V
Maximum (peak) forward current
IFM
200*
mA
Average forward current
IO
100*
mA
Surge current (10 ms)
IFSM
1*
A
Power dissipation
P
100*
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.) may cause this product to
decrease in the reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*: This is the absolute maximum rating for a single diode . Where two diodes are used,
the absolute maximum rating per diode is 75
% that for the single diode.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1 mA
0.28
VF (2)
IF = 10 mA
0.36
Forward voltage
VF (3)
IF = 100 mA
0.56
0.62
V
Reverse current
IR
VR = 40 V
5
μA
Total capacitance
(between cathode and anode)
CT
VR = 0, f = 1 MHz
15
pF
Marking
1.ANODE1
2.CATHODE2
3.CATHODE1
ANODE2
JEDEC
JEITA
TOSHIBA
1-2S1C
Weight: 0.0024 g (typ.)
Unit: mm
W9


Similar Part No. - 1SS423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS420 TOSHIBA-1SS420 Datasheet
148Kb / 3P
   High-Speed Switching Applications
1SS420 TOSHIBA-1SS420 Datasheet
128Kb / 3P
   Silicon Epitaxial Schottky Barrier Type High-Speed Switching Applications
logo
SEMTECH ELECTRONICS LTD...
1SS420 SEMTECH_ELEC-1SS420 Datasheet
130Kb / 1P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Zibo Seno Electronic En...
1SS420 ZSELEC-1SS420 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Schottky Barrier Diode
logo
Toshiba Semiconductor
1SS420CT TOSHIBA-1SS420CT Datasheet
147Kb / 3P
   High-Speed Switching Applications
More results

Similar Description - 1SS423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS361FV TOSHIBA-1SS361FV Datasheet
199Kb / 4P
   Ultra-High-Speed Switching Applications
1SS302 TOSHIBA-1SS302_07 Datasheet
215Kb / 3P
   Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS301 KEXIN-1SS301 Datasheet
43Kb / 1P
   ULTRA HIGH SPEED SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
HN4D02JU TOSHIBA-HN4D02JU Datasheet
179Kb / 3P
   Ultra High Speed Switching Applications
HN4D02JU TOSHIBA-HN4D02JU_14 Datasheet
201Kb / 3P
   Ultra High Speed Switching Applications
1SS361F TOSHIBA-1SS361F Datasheet
242Kb / 4P
   Ultra High Speed Switching Applications
1SS427 TOSHIBA-1SS427 Datasheet
222Kb / 4P
   Ultra-High Speed Switching Applications
1SS302T5LFH TOSHIBA-1SS302T5LFH Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
1SS302TE85LF TOSHIBA-1SS302TE85LF Datasheet
199Kb / 3P
   Ultra High Speed Switching Applications
logo
Guangdong Kexin Industr...
1SS308 KEXIN-1SS308 Datasheet
35Kb / 1P
   Ultra High Speed Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com