Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9633PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9633PW
Description  4-bit Fm I2C-bus LED driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9633PW Datasheet HTML 2Page - NXP Semiconductors PCA9633PW Datasheet HTML 3Page - NXP Semiconductors PCA9633PW Datasheet HTML 4Page - NXP Semiconductors PCA9633PW Datasheet HTML 5Page - NXP Semiconductors PCA9633PW Datasheet HTML 6Page - NXP Semiconductors PCA9633PW Datasheet HTML 7Page - NXP Semiconductors PCA9633PW Datasheet HTML 8Page - NXP Semiconductors PCA9633PW Datasheet HTML 9Page - NXP Semiconductors PCA9633PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
6 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
6.2 Pin description
Table 2.
Pin description for TSSOP8 and HVSON8
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
VSS
5
power supply
supply ground
SCL
6
I
serial clock line
SDA
7
I/O
serial data line
VDD
8
power supply
supply voltage
Table 3.
Pin description for TSSOP10
Symbol
Pin
Type
Description
LED0
1
O
LED driver 0
LED1
2
O
LED driver 1
LED2
3
O
LED driver 2
LED3
4
O
LED driver 3
A0
5
I
address input 0
VSS
6
power supply
supply ground
A1
7
I
address input 1
SCL
8
I
serial clock line
SDA
9
I/O
serial data line
VDD
10
power supply
supply voltage


Similar Part No. - PCA9633PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633PW NXP-PCA9633PW Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
More results

Similar Description - PCA9633PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
logo
NXP Semiconductors
PCA9632 NXP-PCA9632 Datasheet
212Kb / 38P
   4-bit Fm I2C-bus low power LED driver
Rev. 03-15 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com