Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9633BS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9633BS
Description  4-bit Fm I2C-bus LED driver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633BS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9633BS Datasheet HTML 7Page - NXP Semiconductors PCA9633BS Datasheet HTML 8Page - NXP Semiconductors PCA9633BS Datasheet HTML 9Page - NXP Semiconductors PCA9633BS Datasheet HTML 10Page - NXP Semiconductors PCA9633BS Datasheet HTML 11Page - NXP Semiconductors PCA9633BS Datasheet HTML 12Page - NXP Semiconductors PCA9633BS Datasheet HTML 13Page - NXP Semiconductors PCA9633BS Datasheet HTML 14Page - NXP Semiconductors PCA9633BS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
11 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
When the Control register is written, the register entry point determined by D[3:0] is the
first register that will be addressed (read or write operation), and can be anywhere
between 0000 and 1100 (as defined in Table 7). When AI[2] = 1, the Auto-Increment flag
is set and the rollover value at which the point where the register increment stops and
goes to the next one is determined by AI[2:0]. See Table 6 for rollover values. For
example, if the Control register = 1110 1000 (E8h), then the register addressing sequence
will be (in hex):
08
→ … → 0C → 00 → … → 07 → 02 → … → 07 → 02 → … → 07 → 02 → … as long
as the master keeps sending or reading data.
7.3 Register definitions
[1]
Only D[3:0] = 0000 to 1100 are allowed and will be acknowledged. D[3:0] = 1101, 1110, or 1111 are reserved and will not be
acknowledged.
[2]
When writing to the Control register, bit 4 must be programmed with logic 0 for proper device operation.
Table 7.
Register summary[1][2]
Register number (hex)
D3
D2
D1
D0
Name
Type
Function
00h
0
0
0
0
MODE1
read/write
Mode register 1
01h
0
0
0
1
MODE2
read/write
Mode register 2
02h
0
0
1
0
PWM0
read/write
brightness control LED0
03h
0
0
1
1
PWM1
read/write
brightness control LED1
04h
0
1
0
0
PWM2
read/write
brightness control LED2
05h
0
1
0
1
PWM3
read/write
brightness control LED3
06h
0
1
1
0
GRPPWM
read/write
group duty cycle control
07h
0
1
1
1
GRPFREQ
read/write
group frequency
08h
1
0
0
0
LEDOUT
read/write
LED output state
09h
1
0
0
1
SUBADR1
read/write
I2C-bus subaddress 1
0Ah
1
0
1
0
SUBADR2
read/write
I2C-bus subaddress 2
0Bh
1
0
1
1
SUBADR3
read/write
I2C-bus subaddress 3
0Ch
1
1
0
0
ALLCALLADR
read/write
LED All Call I2C-bus address


Similar Part No. - PCA9633BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633BS NXP-PCA9633BS Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
More results

Similar Description - PCA9633BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9633 NXP-PCA9633_08 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
PCA9633 PHILIPS-PCA9633 Datasheet
237Kb / 43P
   4-bit Fm I2C-bus LED driver
Rev. 05-25 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F_1 Datasheet
712Kb / 29P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
   8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
PCA9634 PHILIPS-PCA9634 Datasheet
296Kb / 39P
   8-bit Fm I2C-bus LED driver
Rev. 7-10 October 2014
logo
Texas Instruments
TLC59108F TI1-TLC59108F_15 Datasheet
1Mb / 37P
[Old version datasheet]   8-Bit FM I2C Bus LED Driver
logo
NXP Semiconductors
PCA9632 NXP-PCA9632 Datasheet
212Kb / 38P
   4-bit Fm I2C-bus low power LED driver
Rev. 03-15 July 2008
logo
Texas Instruments
TLC59208F TI-TLC59208F Datasheet
582Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
logo
NXP Semiconductors
PCA9635 NXP-PCA9635_09 Datasheet
195Kb / 35P
   16-bit Fm I2C-bus LED driver
Rev. 07-16 July 2009
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
[Old version datasheet]   8-BIT FM I2C BUS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com