Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2036 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK2036
Description  N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2036 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK2036 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2036 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2036 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2036 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2036 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK2036
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK2036
High Speed Switching Applications
Analog Switching Applications
• High input impedance.
• Low gate threshold voltage: Vth = 0.5~1.5 V
• Excellent switching times: ton = 0.28 μs (typ.)
toff = 0.34 μs (typ.)
• Small package
• Enhancement-mode
Marking
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGSS
10
V
Drain current
ID
100
mA
Drain power dissipation
PD
200
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note: This transistor is electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1F
Weight: 0.012 g (typ.)


Similar Part No. - 2SK2036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2036 TOSHIBA-2SK2036 Datasheet
197Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
More results

Similar Description - 2SK2036

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2035 TOSHIBA-2SK2035 Datasheet
195Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2035 TOSHIBA-2SK2035_07 Datasheet
542Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2036 TOSHIBA-2SK2036 Datasheet
197Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2034 TOSHIBA-2SK2034 Datasheet
195Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN1K03FU TOSHIBA-HN1K03FU Datasheet
181Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826_07 Datasheet
567Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
HN4K03JU TOSHIBA-HN4K03JU Datasheet
187Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK2009 TOSHIBA-2SK2009 Datasheet
173Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1827 TOSHIBA-2SK1827_07 Datasheet
537Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
2SK1826 TOSHIBA-2SK1826 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCH APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com