Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2037 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2037
Description  FIELD EFFECT TRANSISTOR SILICON CHANNEL TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2037 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2037 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2037 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2037 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2037 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2037 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK2037
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = 10 V, VDS = 0
1
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 100 μA, VGS = 0
20
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.5
1.5
V
Forward transfer admittance
⎪Yfs
VDS = 3 V, ID = 10 mA
35
62
mS
Drain-source ON resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
3.5
6
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
14
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
5.3
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
16
pF
Turn-on time
ton
VDD = 3 V, ID = 10 mA
VGS = 0~2.5 V
0.28
Switching time
Turn-off time
toff
VDD = 3 V, ID = 10 mA
VGS = 0~2.5 V
0.34
μs
Switching Time Test Circuit


Similar Part No. - 2SK2037

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2037 TOSHIBA-2SK2037 Datasheet
192Kb / 3P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON CHANNEL TYPE
More results

Similar Description - 2SK2037

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2037 TOSHIBA-2SK2037 Datasheet
192Kb / 3P
   TOSHIBA FIELD EFFECT TRANSISTOR SILICON CHANNEL TYPE
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
TPC8109 TOSHIBA-TPC8109 Datasheet
240Kb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type
TPC6102 TOSHIBA-TPC6102 Datasheet
93Kb / 2P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
logo
Unisonic Technologies
K1875 UTC-K1875 Datasheet
85Kb / 3P
   FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
K1875 UTC-K1875_15 Datasheet
83Kb / 3P
   FIELD EFFECT TRANSISTOR SILICON N CHANNEL JUNCTION TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com