Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2145 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2145
Description  N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2145 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2145 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2145 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2145 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2145 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2145 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SK2145
2007-11-01
2
Electrical Characteristics (Ta = 25°C) (Q1, Q2 common)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate-leakage current
IGSS
VGS = −30 V, VDS = 0
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = −100 μA
−50
V
Drain current
IDSS
(Note)
VDS = 10 V, VGS = 0
1.2
14.0
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.2
−1.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz
4.0
15
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
13
pF
Reverse transfer capacitance
Crss
VDG = 10 V, ID = 0, f = 1 MHz
3
pF
NF (1)
VDS = 10 V, Rg = 1 kΩ
ID = 0.5 mA, f = 10 Hz
5
Noise figure
NF (2)
VDS = 10 V, Rg = 1 kΩ
ID = 0.5 mA, f = 1 kHz
1
dB
Note 2: IDSS classification Y (Y): 1.2~3.0 mA, GR (G): 2.6~6.5 mA, BL (L): 6.0~14.0 mA
( ) Marking symbol


Similar Part No. - 2SK2145

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2145 TOSHIBA-2SK2145 Datasheet
208Kb / 3P
   N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK2145 TOSHIBA-2SK2145 Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK2145 TOSHIBA-2SK2145 Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK2145-Y TOSHIBA-2SK2145-Y Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
More results

Similar Description - 2SK2145

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2145 TOSHIBA-2SK2145 Datasheet
208Kb / 3P
   N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK209 TOSHIBA-2SK209 Datasheet
196Kb / 3P
   N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK209 TOSHIBA-2SK209_07 Datasheet
553Kb / 4P
   Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK880 TOSHIBA-2SK880_07 Datasheet
584Kb / 4P
   Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK184 TOSHIBA-2SK184 Datasheet
200Kb / 3P
   N CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK880 TOSHIBA-2SK880 Datasheet
198Kb / 3P
   M CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK117 TOSHIBA-2SK117_07 Datasheet
579Kb / 4P
   Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170_07 Datasheet
644Kb / 5P
   Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK370 TOSHIBA-2SK370 Datasheet
221Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK371 TOSHIBA-2SK371 Datasheet
244Kb / 4P
   N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com