Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86PM29BFG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP86PM29BFG
Description  8 Bit Microcontroller
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM29BFG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP86PM29BFG Datasheet HTML 1Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 2Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 3Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 4Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 5Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 6Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 7Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 8Page - Toshiba Semiconductor TMP86PM29BFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 204 page
background image
Page 3
TMP86PM29BFG
The Functional Differences on Products basis: TMP86CM29L, TMP86Cx29B, TMP86CH21
and TMP86Cx20
Note 1: UART and SIO can not use function synchronously because each function pins are shared.
Note 2: With TMP86CH21AUG the operating temperature (Topr) is -20 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V.
Note 3: TMP86C820/420 don’t have the timer/counter-6 input/output and UART input/output.
Note 4: The electrial characteristics of TMP86CM29LUG are different from that of TMP86C829/CH29/CM29B, TMP86CH21/
CH21A and TMP86C420/C820. For details, please refer to "Electrical Characteristics" in data sheet of TMP86CM29LUG.
Note 5: The operating temperature (Topr) of AD characteristics of all products (TMP86C420/C820/CH21/CH21A/C829B/CH29B/
CM29B/CM29L) is -10 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V. For details, please refer to "AD Conver-
sion Characteristics" in data sheet of each product.
Note 6: The characteristic of power supply current differs in each product. For details, please refer to "Electirical Characteristics"
in data sheet of each product.
Products name
TMP86CM29L
TMP86C829B
TMP86CH29B
TMP86CM29B
TMP86CH21
TMP86CH21A
TMP86C420
TMP86C820
ROM
32 K bytes
C829: 8K bytes
CH29: 16K bytes
CM29: 32K bytes
16K bytes
C420: 4K bytes
C820: 8K bytes
RAM
1.5K bytes
C829: 512bytes
CH29: 1.5K bytes
CM29: 1.5K bytes
512bytes
256bytes
I/O port
39 pins
Minumum command
execution time
0.25
µsec at 16MHz
Supply Voltage
1.8V to 3.6V at 8.0MHz/
32.768kHz
2.7V to 3.6V at 16MHz/
32.768kHz
(Note4)
1.8V to 5.5V at 4.2MHz/32.768kHz
2.7V to 5.5V at 8.0MHz/32.768kHz
4.5V to 5.5V at 16MHz/32.768kHz
18-bit Timer counter
1ch
(ECIN input is both edge or single edge)
1ch
(ECIN input is single edge)
8-bit Timer counter
4ch
2ch
Time base timer
1ch
Watch dog timer
1ch
UART/SIO
1ch (Note1)
N.A.
SIO
N.A
1ch
Key-on wakeup
4ch
A/D converter
10-bit A/D: 8ch
8-bit A/D: 8ch
LCD driver
32SEG x 4COM
Operating Temperature
-40 to 85 ℃
-40 to 85 ℃ (Note2)
-40 to 85 ℃
Package(Body size)
LQFP64(10x10mm)
QFP64(14x14mm)
LQFP64(10x10mm)
Package
(P-QFP64-1010-0.80C)
N.A
TMP86C829BFG
TMP86CH29BFG
TMP86CM29BFG
TMP86CH21FG
TMP86C420FG
TMP86C820FG
Package
(P-LQFP64-1010-0.50E)
N.A
TMP86C829BUG
TMP86CH29BUG
TMP86CM29BUG
TMP86CH21UG
TMP86C420UG
TMP86C820UG
Package
(P-LQFP64-1010-0.50D)
TMP86CM29LUG
N.A.
TMP86CH21AUG
N.A.


Similar Part No. - TMP86PM29BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86PM29B TOSHIBA-TMP86PM29B Datasheet
292Kb / 8P
   CMOS 8-Bit Microcontroller
TMP86PM29BUG TOSHIBA-TMP86PM29BUG Datasheet
2Mb / 204P
   8 Bit Microcontroller
More results

Similar Description - TMP86PM29BFG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com