Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK211 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK211
Description  Silicon N Channel Junction Type FM Tuner Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK211 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK211 Datasheet HTML 1Page - Toshiba Semiconductor 2SK211 Datasheet HTML 2Page - Toshiba Semiconductor 2SK211 Datasheet HTML 3Page - Toshiba Semiconductor 2SK211 Datasheet HTML 4Page - Toshiba Semiconductor 2SK211 Datasheet HTML 5Page - Toshiba Semiconductor 2SK211 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK211
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK211
FM Tuner Applications
VHF Band Amplifier Applications
• Low noise figure: NF = 2.5dB (typ.) (f = 100 MHz)
• High forward transfer admitance: |Yfs| = 9 mS (typ.)
• Extremely low reverse transfer capacitance: Crss = 0.1 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDO
−18
V
Gate current
IG
10
mA
Drain power dissipation
PD
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Marking
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = −0.5 V, VDS = 0 V
−10
nA
Gate-drain breakdown voltage
V (BR) GDO
IG = −100 μA
−18
V
Drain current
IDSS
(Note)
VGS = 0 V, VDS = 10 V
1.0
10
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 1 μA
−0.4
−4.0
V
Forward transfer admittance
⎪Yfs
VGS = 0 V, VDS = 10 V, f = 1 kHz
9
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
6.0
pF
Reverse transfer capacitance
Crss
VGD = −10 V, f = 1 MHz
0.15
pF
Power gain
GPS
VDD = 10 V, f = 100 MHz (Figure)
18
dB
Noise figure
NF
VDD = 10 V, f = 100 MHz (Figure)
2.5
3.5
dB
Note: IDSS classification O: 1.0~3.0 mA, Y: 2.5~6.0 mA, GR (G): 5.0~10.0 mA
Unit: mm
JEDEC
JEITA
SC-59
TOSHIBA
2-3F1C
Weight: 0.012 g (typ.)


Similar Part No. - 2SK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
logo
NEC
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2110 KEXIN-2SK2110 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK2110 RENESAS-2SK2110 Datasheet
302Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2110-HF KEXIN-2SK2110-HF Datasheet
1Mb / 3P
   N-Channel MOSFET
More results

Similar Description - 2SK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK210 TOSHIBA-2SK210_07 Datasheet
717Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
2SK881 TOSHIBA-2SK881_07 Datasheet
648Kb / 6P
   Silicon N Channel Junction Type FM Tuner Applications
logo
Sanyo Semicon Device
2SK212 SANYO-2SK212 Datasheet
121Kb / 5P
   N-Channel Junction Silicon FET(FM Tuner Applications)
logo
Toshiba Semiconductor
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
   N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com