Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2615 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK2615
Description  Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2615 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK2615 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2615 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2615 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2615 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2615 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2615 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2615
2006-11-17
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 60 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
60
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
2.0
V
VGS = 4 V, ID = 1 A
0.33
0.44
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 1 A
0.23
0.30
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 1 A
1.0
2.0
S
Input capacitance
Ciss
150
Reverse transfer capacitance
Crss
25
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
70
pF
Rise time
tr
25
Turn−on time
ton
30
Fall time
tf
50
Switching time
Turn−off time
toff
150
ns
Total gate charge (gate−source
plus gate−drain)
Qg
6.0
Gate−source charge
Qgs
4.6
Gate−drain (“miller”) Charge
Qgd
VDD ≈ 48 V, VGS = 10 V, ID = 2 A
1.4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
2
A
Pulse drain reverse current
(Note 1)
IDRP
6
A
Forward voltage (diode)
VDSF
IDR = 2 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
100
ns
Reverse recovery charge
Qrr
IDR = 2 A, VGS = 0 V
dIDR / dt = 50 A / μs
40
nC


Similar Part No. - 2SK2615

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2615 TOSHIBA-2SK2615 Datasheet
257Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2615 TOSHIBA-2SK2615 Datasheet
394Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2615 TOSHIBA-2SK2615 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK2615 VBSEMI-2SK2615 Datasheet
1,019Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK2615

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK3754 TOSHIBA-2SK3754 Datasheet
145Kb / 3P
   Silicon N Channel MOS Type Relay Drive, DC−DC Converter and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606_06 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2698 TOSHIBA-2SK2698_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2549 TOSHIBA-2SK2549_06 Datasheet
677Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2601 TOSHIBA-2SK2601_06 Datasheet
707Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2991 TOSHIBA-2SK2991_06 Datasheet
767Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611_06 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com