Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2886 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK2886
Description  Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2886 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK2886_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2886_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2886_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2886_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2886_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2886_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2886
2006-11-17
5
RG = 25 Ω
VDD = 25 V, L = 213 μH
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2


Similar Part No. - 2SK2886_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2886 TOSHIBA-2SK2886_09 Datasheet
494Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor DriveApplications
More results

Similar Description - 2SK2886_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
   SILICON N CHANNEL MOS TYPE
2SK3130 TOSHIBA-2SK3130_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type
2SK2150 TOSHIBA-2SK2150 Datasheet
486Kb / 5P
   SILICON N CHANNEL MOS TYPE
logo
Hi-Sincerity Mocroelect...
HSK1118 HSMC-HSK1118 Datasheet
61Kb / 5P
   Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com