Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3078A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3078A
Description  Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3078A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3078A_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3078A_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3078A_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3078A_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3078A_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK3078A
2007-11-01
3
Pi – Po, Gp, Eff
Iidle – Gp, Eff
Pi – Po
Pi – Idd
Vdd – Gp, Eff
Pi – Po
Pi (dBmW)
Iidle (mA)
Pi (dBmW)
Pi (dBmW)
Vdd (V)
Pi (dBmW)
5
0
11
100
50
9
7
f
= 470 MHz
Pi = 20dBmW
Vdd
= 4.5 V
15
13
Gp
Idd
76.0
64.0
60.0
68.0
72.0
80.0
f
= 470 MHz
Iidle
= 50 mA
Vdd
= 4.5 V
Po (dBmW)
Gp (dB)
Eff (%)
0
0
12
25
5
15
8
4
20
30
16
10
6
2
14
28
18
20
22
26
24
10
0.0
30.0
10.0
90.0
50.0
20.0
40.0
80.0
60.0
70.0
0
0
120
30
80
40
20
300
160
100
60
20
140
280
180
200
220
260
240
10
f
= 470 MHz
Vdd
= 4.5 V
Iidle
= 30 mA
Iidle
= 50 mA
Iidle
= 70 mA
10
0
30
20
30
16
12
14
28
18
20
22
26
24
10
f
= 470 MHz
Vdd
= 4.5 V
Iidle
= 30 mA
Iidle
= 50 mA
Iidle
= 70 mA
0
0
12
8
2
4
8
4
6
f
= 470 MHz
Iidle
= 50 mA
Pi = 20dBmW
20
16
10
6
2
14
18
Gp
Eff
50
80
70
60
100
90
75
65
55
85
95
030
0
20
f
= 470 MHz
Iidle
= 50 mA
12
24
28
20
16
34
32
22
26
18
14
30
Vdd
= 2.4 V
Vdd
= 3.6 V
Vdd
= 4.5 V
Vdd
= 6.0 V


Similar Part No. - 2SK3078A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3078A TOSHIBA-2SK3078A Datasheet
121Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3078A TOSHIBA-2SK3078A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SK3078A_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK2854 TOSHIBA-2SK2854 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATIONS)
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
   VHF/UHF Band Amplifier Applications
3SK259 TOSHIBA-3SK259 Datasheet
213Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, UHF, VHF WIDE BAND RF AMPLIFIER APPLICATIONS)
TA4022F TOSHIBA-TA4022F Datasheet
236Kb / 8P
   VHF-UHF Wide Band Amplifier Applications
RFM01U7P TOSHIBA-RFM01U7P Datasheet
167Kb / 5P
   VHF- and UHF-band Amplifier Applications
RFM12U7X TOSHIBA-RFM12U7X Datasheet
182Kb / 5P
   VHF- and UHF-band Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com