Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3176 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3176
Description  Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3176 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3176_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3176_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3176_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3176_07 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3176_07 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3176_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3176
2007-03-16
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (
π-MOS V)
2SK3176
Switching Regulator, DC-DC Converter and Motor Drive
Applications
• Low drain-source ON resistance: RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 30 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 200 V)
• Enhancement-mode: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
200
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
200
V
Gate-source voltage
VGSS
±20
V
DC (Note 1)
ID
30
Drain current
Pulse (Note 1)
IDP
120
A
Drain power dissipation
(Tc
= 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
925
mJ
Avalanche current
IAR
30
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Please use devices on condition that the channel temperature is below 150
°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 1.66 mH, RG = 25 Ω, IAR = 30 A
Note 3: Repetitive rating: pulse width limited by maximum junction temperature.
Note 4: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change
in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic sensitive device.
Please handle with caution.
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
0.833
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
50.0
°C/W
Unit: mm
1. GATE
2. DRAIN (HEAT SINK)
3. SOURCE
JEDEC
JEITA
SC-65
TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)


Similar Part No. - 2SK3176_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176_09 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3176_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3443 TOSHIBA-2SK3443_06 Datasheet
169Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3846 TOSHIBA-2SK3846 Datasheet
182Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com