Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2SK3236 Datasheet(HTML) 4 Page - Toshiba Semiconductor

Part No. 2SK3236
Description  Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SK3236 Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
2SK3236
2006-11-17
4
RDS (ON) − Tc
IDR − VDS
Vth − Tc
PD − Tc
Dynamic input/output characteristics
Case temperature Tc
(°C)
Drain-source voltage VDS (V)
Case temperature Tc
(°C)
Case temperature Tc
(°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
0
−80
−40
0
40
80
120
160
0.5
1
1.5
2.5
3
2
Common source
VDS = 10 V
ID = 1 mA
Pulse test
1
0.0
−0.4
−1.2
10
100
Common source
Tc
= 25°C
Pulse test
−0.8
−1.6
−2.0
VGS = 0 V
3
5
1
10
Crss
Ciss
Coss
100000
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
0.1
10000
1000
100
1
10
100
0
0
40
120
160
10
30
50
20
80
40
0
−80
−40
0
40
80
120
160
0.02
0.04
0.06
0.08
0.1
VGS = 10 V
VGS = 4 V
10
20
10
35
20
Common source
Pulse test
0
0
40
80
40
80
Common source
ID = 35 A
Tc
= 25°C
Pulse test
60
20
60
20
24
12
VDD = 48 V
VDS
VGS
0
10
20
5
15


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3176_07Silicon N Channel MOS Type Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2613_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2267_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK2965_06Silicon N Channel MOS Type Switching Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK1486_06N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3127_07Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 Toshiba Semiconductor
2SK2350_06Silicon N Channel MOS Type Switching Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2882_06Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3129_06Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 Toshiba Semiconductor
2SK1930_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn