Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3376TK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3376TK
Description  Silicon N Channel Junction Type For ECM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3376TK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3376TK Datasheet HTML 1Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 2Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 3Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 4Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 5Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 6Page - Toshiba Semiconductor 2SK3376TK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SK3376TK
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK3376TK
For ECM
• Application for Ultra-compact ECM
Absolute Maximum Ratings (Ta=25°C)
Characteristic
Symbol
Rating
Unit
Gate-Drain voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain power dissipation (Ta
= 25°C)
PD
100
mW
Junction Temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
IDSS CLASSIFICATION
A-Rank
80 to 200µA
B-Rank
170 to 300µA
C-Rank
270 to 480µA
BK-Rank
150 to 350µA
Marking
Equivalent Circuit
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
2-1R1A
Weight: 2.2mg (typ.)
TESM3
1.Drain
2.Source
3.Gate
D
G
S
IDSS Classification Symbol
A :A-Rank
B :B-Rank , BK-Rank
Type Name
3
C :C-Rank
1
2
3
0.8±0.05
1.2±0.05


Similar Part No. - 2SK3376TK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3376TV TOSHIBA-2SK3376TV Datasheet
151Kb / 6P
   Silicon N Channel Junction Type For ECM
More results

Similar Description - 2SK3376TK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3857TV TOSHIBA-2SK3857TV Datasheet
148Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3376MFV TOSHIBA-2SK3376MFV Datasheet
152Kb / 6P
   Silicon N Channel Junction Type For ECM
2SK3376TV TOSHIBA-2SK3376TV Datasheet
151Kb / 6P
   Silicon N Channel Junction Type For ECM
2SK3857TK TOSHIBA-2SK3857TK Datasheet
129Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TK TOSHIBA-2SK4059TK Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TV TOSHIBA-2SK4059TV Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TV TOSHIBA-2SK3582TV Datasheet
141Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TK TOSHIBA-2SK3582TK Datasheet
122Kb / 5P
   Field Effect Transistor Silicon N Channel Junction Type For ECM
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com