Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3388 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3388
Description  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3388 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3388_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3388
2006-11-21
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
16
0
0
4
8
12
20
1
2
4
3
5
VGS = 3.5 V
4.5
10
4
3.8
Common source
Tc
= 25°C
Pulse test
4.2
6
80
0
0
20
40
60
100
48
16
12
20
Common source
Tc
= 25°C
Pulse test
8
10
6
5
5.5
VGS = 4 V
4.5
40
0
0
10
20
30
50
2
4
8
6
10
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
100
25
0
0
5
10
15
20
1
2
3
4
Common source
Tc
= 25°C
Pulse test
ID = 20 A
10
5
1
1
10
100
10
100
Tc
= −55°C
25
Common source
VDS = 10 V
Pulse test
100
10
110
100
100
1000
Common source
Tc
= 25°C
Pulse test
VGS = 10, 15 V


Similar Part No. - 2SK3388_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3388_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com