Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2SK3389 Datasheet(HTML) 5 Page - Toshiba Semiconductor

Part No. 2SK3389
Description  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SK3389 Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 7 page
background image
2SK3389
2006-11-16
5
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
200
120
0
0
40
80
120
160
40
80
160
200
0.1
1
10
100
Ciss
Coss
Crss
10
100
100000
1000
10000
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
−40
0
40
80
120
160
−80
Common source
VGS = 10 V
Pulse test
6
2
0
4
8
10
ID = 70
15
35
0
2
3
4
5
−80
−40
0
40
120
160
80
1
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
4
8
16
12
0
10
30
40
20
Common source
ID = 75 A
Tc
= 25°C
Pulse test
0
40
20
60
80
VDS
VGS
VDD = 24 V
6
12
0
0.2
100
1000
0.4
0.6
1.2
5
1
10
0.8
1.0
10
3
1
VGS = 0
Common source
Tc
= 25°C
Pulse test


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3387_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3176_07Silicon N Channel MOS Type Switching Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2613_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3342_07Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2267_06N CHANNEL MOS TYPE HIGH SPEED HIGH VOLTAGE SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK2965_06Silicon N Channel MOS Type Switching Regulator DC−DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK1486_06N CHANNEL MOS TYPE HIGH SPEED HIGH CURRENT SWITCHING CHOPPER REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS 1 2 3 4 5 MoreToshiba Semiconductor
2SK3127_07Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 Toshiba Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn