Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB386 Datasheet(PDF) 3 Page - Intersil Corporation

Part # TB386
Description  Implementing the HIP1011 on Hot Swap CPCI Boards for High Availability (HA) Platforms
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

TB386 Datasheet(HTML) 3 Page - Intersil Corporation

  TB386 Datasheet HTML 1Page - Intersil Corporation TB386 Datasheet HTML 2Page - Intersil Corporation TB386 Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (321) 724-7000
FAX: (321) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil Ltd.
8F-2, 96, Sec. 1, Chien-kuo North,
Taipei, Taiwan 104
Republic of China
TEL: 886-2-2515-8508
FAX: 886-2-2515-8369
Summary
The HIP1011 along with a minimal number of power FETs,
external logic and passives can be used for effective Hot
Swap power control in the CompactPCI High Availability
environment.
FIGURE 5.
Q1
C2
Q2
R3
C3
C4
C1
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011B
R2
R1
R4
5V
BD_SEL#
-12V
+12V
HEALTHY#
3.3V
1%
5m
5m
1%
0.033
µF
0.033
µF
0.033
µF
0.1
µF
C5
0.1
µF
C6
0.1
µF
C7
200pF
6k
1.2k
1.2k
R5
ITF86130SK8T
ITF86130SK8T
CP12
100
µF
CP5
2200
µF
CM12
100
µF
CP3
2200
µF
RP12
47
RP5
2.4
RP3
1.1
RM12
240
V(I/O)
GND
LOAD
MED
MED
MED
MED
MED
MED
MED
SHORT
LONG
LOCAL_PCI_RST#
PCI_RST#
MED
BACK PLANE CONNECTOR
CARD SIDE
PIN LENGTH
1.2k
R6
V(I/O)
MED
C9
0.01
µF
R7
4M
GND
C8
0.1
µF
Technical Brief 386


Similar Part No. - TB386

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB38 ETC2-TB38 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB38 TAITRON-TB38 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
PETERMANN-TECHNIK
TB38 PETERMANN-TB38 Datasheet
65Kb / 1P
   HIGH RELIABILITY FOR LOW COST
TB38 PETERMANN-TB38 Datasheet
66Kb / 1P
   HIGH RELIABILITY FOR LOW COST
logo
3M Electronics
TB3870 3M-TB3870 Datasheet
36Kb / 5P
   Dual Lock??Reclosable Fasteners Trial Bags
More results

Similar Description - TB386

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Texas Instruments
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918 TI-UCC2918 Datasheet
168Kb / 7P
[Old version datasheet]   Low On Resistance Hot Swap Power Manager
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com