Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3566 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3566
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3566 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3566 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3566 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3566 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3566 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3566 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3566 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3566
2006-11-10
3
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
DRAIN-SOURCE VOLTAGE VDS
(V)
ID – VDS
GATE-SOURCE VOLTAGE VGS
(V)
ID – VGS
GATE-SOURCE VOLTAGE VGS
(V)
VDS – VGS
DRAIN CURRENT ID (A)
⎪Yfs⎪ – ID
DRAIN CURRENT ID (A)
RDS (ON) – ID
2.5
2
1.5
1
0.5
0
3
0
12
24
36
VGS = 4 V
4.75
5
5.25
8
10
5.5
6
4. 5
COMMON
SOURCE
Tc
= 25°C
PULSE TEST
2
1.6
0.8
0.4
0
0
4
8
12
16
20
VGS = 4 V
4.75
5
5.25
5.5
6
8
10
24
1.2
4. 5
COMMON
SOURCE
Tc
= 25°C
PULSE TEST
0
0
2
4
8
10
12
1
5
Tc
= −55°C
25
100
2
3
4
6
COMMON SOURCE
VDS = 20 V
PULSE TEST
0
20
30
40
0
ID = 2.5 A
4
8
12
16
20
0.8
1.5
10
COMMON SOURCE
Tc
= 25℃
PULSE TEST
1
0.01
1
10
0.01
1
10
25
100
Tc
= −55°C
0.1
0.1
COMMON SOURCE
VDS = 20 V
PULSE TEST
1
0.01
0.1
1
10
10
100
VGS = 10 V
COMMON SOURCE
Tc
= 25°C
PULSE TEST


Similar Part No. - 2SK3566

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3566 HITACHI-2SK3566 Datasheet
252Kb / 6P
   Switching Regulator Applications
logo
Toshiba Semiconductor
2SK3566 TOSHIBA-2SK3566 Datasheet
221Kb / 6P
   Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3566 ISC-2SK3566 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3566 TOSHIBA-2SK3566 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3566 TOSHIBA-2SK3566_10 Datasheet
221Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3566

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com