Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 6N137
Description  GaA?밃s Ired & Photo IC Degital Logic Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N137 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  6N137 Datasheet HTML 1Page - Toshiba Semiconductor 6N137 Datasheet HTML 2Page - Toshiba Semiconductor 6N137 Datasheet HTML 3Page - Toshiba Semiconductor 6N137 Datasheet HTML 4Page - Toshiba Semiconductor 6N137 Datasheet HTML 5Page - Toshiba Semiconductor 6N137 Datasheet HTML 6Page - Toshiba Semiconductor 6N137 Datasheet HTML 7Page - Toshiba Semiconductor 6N137 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6N137
2007-10-01
6
IF – VF
Forward voltage VF (V)
0.01
100
1.0
10
1.2
1.4
1.6
1.8
1
0.1
Ta = 25°C
Δ
VF / ΔTa – IF
Forward current IF (mA)
-1.6
-2.6
0.1
-2.4
-2.2
-2.0
-1.8
0.3
1
3
10
-1.4
30
IOH - Ta
Ambient temperature Ta (°C)
10
3
0.5
0.3
80
60
40
20
0
0.1
1
5
VF = 1V
VCC = 5.5V
VO = 5.5V
VO L – Ta
Ambient temperature Ta (°C)
0
20
40
60
80
0.2
0.3
0.4
0.5
IF = 5mA
VCC = 5.5V
VE = 2V
12.8mA
9.6mA
6.4mA
IOL = 16mA
Forward current IF (mA)
VO – IF
6
5
4
3
2
1
0
8
6
4
2
0
VCC = 5V
RL = 350Ω
RL = 4kΩ
0°C
Ta = 70°C
VO – IF
Forward current IF (mA)
8
2
6
4
0
1
3
4
5
0
6
2
VCC = 5V
Ta = 25°C
RL = 350Ω
1kΩ
4kΩ


Similar Part No. - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
More results

Similar Description - 6N137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com